Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 115 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 111Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 112Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 113Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 114Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 115Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 116Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 117Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 118Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 170 page
background image
GPIO
Signal
1
Sampling Window
Output
From Qualifier
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
SYSCLKOUT
QUALPRD = 1
(SYSCLKOUT/2)
See Note (A)
Sampling period, determined by GPxQUAL
[QUALPRD]
(SYSCLKOUT cycle x 2 x QUALPRD) x 5
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
6.19 General-Purpose Input/Output (GPIO) – Input Timing
A.
This glitch is ignored by the input qualifier. The QUALPRD bit field specifies the qualification sampling period. It can
vary from 00 to 0xFF. Input qualification is not applicable when QUALPRD = 00. For any other value “n”, the
qualification sampling period is 2n SYSCLKOUT cycles (i.e., at every 2n SYSCLKOUT cycle, the GPIO pin will be
sampled). Six consecutive samples must be of the same value for a given input to be recognized.
B.
For the qualifier to detect the change, the input must be stable for 10 SYSCLKOUT cycles or greater. In other words,
the inputs should be stable for (5 × QUALPRD × 2) SYSCLKOUT cycles. This would enable five sampling periods for
detection to occur. Since external signals are driven asynchronously, a 13-SYSCLKOUT-wide pulse provides reliable
recognition.
Figure 6-24. GPIO Input Qualifier – Example Diagram for QUALPRD = 1
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
115
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com