Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 133 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 129Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 130Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 131Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 132Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 133Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 134Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 135Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 136Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
6.26 External Interface Ready-on-Read Timing With One External Wait State
Table 6-35. External Memory Interface Read Switching Characteristics (Ready-on-Read, 1 Wait State)
PARAMETER
MIN
MAX
UNIT
td(XCOH-XZCSL)
Delay time, XCLKOUT high to zone chip-select active-low
1
ns
td(XCOHL-XZCSH)
Delay time, XCLKOUT high/low to zone chip-select inactive-high
–2
3
ns
td(XCOH-XA)
Delay time, XCLKOUT high to address valid
2
ns
td(XCOHL-XRDL)
Delay time, XCLKOUT high/low to XRD active-low
1
ns
td(XCOHL-XRDH)
Delay time, XCLKOUT high/low to XRD inactive-high
–2
1
ns
th(XA)XZCSH
Hold time, address valid after zone chip-select inactive-high
(1)
ns
th(XA)XRD
Hold time, address valid after XRD inactive-high
(1)
ns
(1)
During inactive cycles, the XINTF address bus will always hold the last address put out on the bus. This includes alignment cycles.
Table 6-36. External Memory Interface Read Timing Requirements (Ready-on-Read, 1 Wait State)
MIN
MAX
UNIT
ta(A)
Access time, read data from address valid
(LR + AR) – 14(1)
ns
ta(XRD)
Access time, read data valid from XRD active-low
AR – 12(1)
ns
tsu(XD)XRD
Setup time, read data valid before XRD strobe inactive-high
12
ns
th(XD)XRD
Hold time, read data valid after XRD inactive-high
0
ns
(1)
LR = Lead period, read access. AR = Active period, read access. See Table 6-30.
Table 6-37. Synchronous XREADY Timing Requirements (Ready-on-Read, 1 Wait State)(1)
MIN
MAX
UNIT
tsu(XRDYsynchL)XCOHL
Setup time, XREADY (synchronous) low before XCLKOUT high/low
15
ns
th(XRDYsynchL)
Hold time, XREADY (synchronous) low
12
ns
Earliest time XREADY (synchronous) can go high before the sampling
te(XRDYsynchH)
3
ns
XCLKOUT edge
tsu(XRDYsynchH)XCOHL
Setup time, XREADY (synchronous) high before XCLKOUT high/low
15
ns
th(XRDYsynchH)XZCSH
Hold time, XREADY (synchronous) held high after zone chip-select high
0
ns
(1)
The first XREADY (synchronous) sample occurs with respect to E in Figure 6-33:
E = (XRDLEAD + XRDACTIVE) tc(XTIM)
When first sampled, if XREADY (synchronous) is found to be high, then the access will complete. If XREADY (synchronous) is found to
be low, it will be sampled again each tc(XTIM) until it is found to be high.
For each sample (n), the setup time (D) with respect to the beginning of the access can be calculated as:
D = (XRDLEAD + XRDACTIVE + n – 1) tc(XTIM) – tsu(XRDYsynchL)XCOHL
where n is the sample number (n = 1, 2, 3, and so forth).
Table 6-38. Asynchronous XREADY Timing Requirements (Ready-on-Read, 1 Wait State)(1)
MIN
MAX
UNIT
tsu(XRDYAsynchL)XCOHL
Setup time, XREADY (asynchronous) low before XCLKOUT high/low
11
ns
th(XRDYAsynchL)
Hold time, XREADY (asynchronous) low
8
ns
Earliest time XREADY (asynchronous) can go high before the sampling
te(XRDYAsynchH)
3
ns
XCLKOUT edge
tsu(XRDYAsynchH)XCOHL
Setup time, XREADY (asynchronous) high before XCLKOUT high/low
11
ns
th(XRDYAsynchH)XZCSH
Hold time, XREADY (asynchronous) held high after zone chip-select high
0
ns
(1)
The first XREADY (asynchronous) sample occurs with respect to E in Figure 6-34:
E = (XRDLEAD + XRDACTIVE – 2) tc(XTIM)
When first sampled, if XREADY (asynchronous) is found to be high, then the access will complete. If XREADY (asynchronous) is found
to be low, it will be sampled again each tc(XTIM) until it is found to be high.
For each sample, setup time from the beginning of the access can be calculated as:
D = (XRDLEAD + XRDACTIVE – 3 + n) tc(XTIM) – tsu(XRDYAsynchL)XCOHL
where n is the sample number (n = 1, 2, 3, and so forth).
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
133
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com