Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAP1208 Datasheet(PDF) 22 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 22 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 18Page - Microchip Technology CAP1208 Datasheet HTML 19Page - Microchip Technology CAP1208 Datasheet HTML 20Page - Microchip Technology CAP1208 Datasheet HTML 21Page - Microchip Technology CAP1208 Datasheet HTML 22Page - Microchip Technology CAP1208 Datasheet HTML 23Page - Microchip Technology CAP1208 Datasheet HTML 24Page - Microchip Technology CAP1208 Datasheet HTML 25Page - Microchip Technology CAP1208 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 22
 2014 Microchip Technology Inc.
If analog calibration fails for a sensor input, the corresponding bit is not cleared in the Calibration
Activate and Status Register, and the ACAL_FAIL bit is set in the General Status Register (Section 5.2,
"Status Registers"). An interrupt can be generated. Analog calibration will fail if a noise bit is set or if
the calibration value is at the maximum or minimum value. If digital calibration fails to generate base
counts for a sensor input in the operating range, which is +12.5% from the ideal base count (see
Table 4.1), indicating the base capacitance is out of range, the corresponding BC_OUTx bit is set in
the Base Count Out of Limit Register (Section 5.17, "Base Count Out of Limit Register"), and the
BC_OUT bit is set in the General Status Register (Section 5.2, "Status Registers"). An interrupt can
be generated. By default, when a base count is out of limit, analog calibration is repeated for the
sensor input; alternatively, the sensor input can be sampled using the out of limit base count (Section
5.6, "Configuration Registers").
During normal operation there are various options for recalibrating the capacitive touch sensor inputs.
Recalibration is a digital adjustment of the base counts so that the untouched delta count is zero. After
a recalibration, if a sensor input’s base count has shifted +12.5% from the ideal base count, a full
calibration will be performed on the sensor input.
4.4.1
Automatic Recalibration
Each sensor input is regularly recalibrated at a programmable rate (see CAL_CFG[2:0] in Section 5.18,
"Recalibration Configuration Register"). By default, the recalibration routine stores the average 64
previous measurements and periodically updates the base “not touched” setting for the capacitive
touch sensor input.
APPLICATION NOTE: Automatic recalibration only works when the delta count is below the active sensor input
threshold. It is disabled when a touch is detected.
4.4.2
Negative Delta Count Recalibration
It is possible that the device loses sensitivity to a touch. This may happen as a result of a noisy
environment, recalibration when the pad is touched but delta counts do not exceed the threshold, or
other environmental changes. When this occurs, the base untouched sensor input may generate
negative delta count values. The NEG_DELTA_CNT[1:0] bits (see Section 5.18, "Recalibration
Configuration Register") can be set to force a recalibration after a specified number of consecutive
negative delta readings. After a delayed recalibration (see Section 4.4.3, "Delayed Recalibration") the
negative delta count recalibration can correct after the touch is released.
APPLICATION NOTE: During this recalibration, the device will not respond to touches.
4.4.3
Delayed Recalibration
It is possible that a “stuck button” occurs when something is placed on a button which causes a touch
to be detected for a long period. By setting the MAX_DUR_EN bit (see Section 5.6, "Configuration
Registers"), a recalibration can be forced when a touch is held on a button for longer than the duration
specified in the MAX_DUR[3:0] bits (see Section 5.8, "Sensor Input Configuration Register").
Table 4.1 Ideal Base Counts
IDEAL BASE COUNT
SAMPLE TIME
3,200
320us
6,400
640us
12,800
1.28ms
25,600
2.56ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com