Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAP1208 Datasheet(PDF) 12 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 12 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 8Page - Microchip Technology CAP1208 Datasheet HTML 9Page - Microchip Technology CAP1208 Datasheet HTML 10Page - Microchip Technology CAP1208 Datasheet HTML 11Page - Microchip Technology CAP1208 Datasheet HTML 12Page - Microchip Technology CAP1208 Datasheet HTML 13Page - Microchip Technology CAP1208 Datasheet HTML 14Page - Microchip Technology CAP1208 Datasheet HTML 15Page - Microchip Technology CAP1208 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 12
 2014 Microchip Technology Inc.
Power-Up Timer
Period
tPWRT
10
ms
Brown-Out Reset
Voltage Delay
tBORDC
1µs
VDD = VBOR - 1
TIMING
Time to
Communications
Ready
tCOMM_DLY
15
ms
Time to First
Conversion Ready
tCONV_DLY
170
200
ms
I/O PINS
Output Low Voltage
VOL
0.4
V
ISINK_IO = 8mA
Output High Voltage
VOH
VDD -
0.4
VISOURCE_IO = 8mA
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Leakage Current
ILEAK
±5
µA
powered or unpowered
TA < 85°C
pull-up voltage < 3.6V if
unpowered
SMBUS TIMING
Input Capacitance
CIN
5pF
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
50
ns
Bus Free Time Stop
to Start
tBUF
1.3
µs
Start Setup Time
tSU:STA
0.6
µs
Start Hold Time
tHD:STA
0.6
µs
Stop Setup Time
tSU:STO
0.6
µs
Data Hold Time
tHD:DAT
0
µs
When transmitting to the master
Data Hold Time
tHD:DAT
0.3
µs
When receiving from the master
Data Setup Time
tSU:DAT
0.6
µs
Clock Low Period
tLOW
1.3
µs
Clock High Period
tHIGH
0.6
µs
Clock / Data Fall
Time
tFALL
300
ns
Min = 20+0.1CLOAD ns
Table 2.2 Electrical Specifications (continued)
VDD = 3V to 5.5V, TA = 0°C to 85°C, all Typical values at TA = 25°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com