Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAP1208 Datasheet(PDF) 23 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 23 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 19Page - Microchip Technology CAP1208 Datasheet HTML 20Page - Microchip Technology CAP1208 Datasheet HTML 21Page - Microchip Technology CAP1208 Datasheet HTML 22Page - Microchip Technology CAP1208 Datasheet HTML 23Page - Microchip Technology CAP1208 Datasheet HTML 24Page - Microchip Technology CAP1208 Datasheet HTML 25Page - Microchip Technology CAP1208 Datasheet HTML 26Page - Microchip Technology CAP1208 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
 2014 Microchip Technology Inc.
DS00001570B-page 23
Note 4.1
Delayed recalibration only works when the delta count is above the active sensor input
threshold. If enabled, it is invoked when a sensor pad touch is held longer than the
MAX_DUR bit settings.
Note 4.2
For the power button, which requires that the button be held longer than a regular button,
the time specified by the MAX_DUR[3:0] bits is added to the time required to trigger the
qualifying event. This will prevent the power button from being recalibrated during the time
it is supposed to be held.
4.5
Power Button
The CAP1208 has a “power button” feature. In general, buttons are set for quick response to a touch,
especially when buttons are used for number keypads. However, there are cases where a quick
response is not desired, such as when accidentally brushing the power button causes a device to turn
off or on unexpectedly.
The power button feature allows a sensor input to be designated as the “power button” (see Section
5.26, "Power Button Register"). The power button is configured so that a touch must be held on the
button for a designated period of time before an interrupt is generated; different times can be selected
for the Standby and the Active states (see Section 5.27, "Power Button Configuration Register"). The
feature can also be enabled / disabled for both states separately.
APPLICATION NOTE: For the power button feature to work in the Standby and/or Active states, the sensor input
must be enabled in the applicable state.
After the designated power button has been held for the designated time, an interrupt is generated
and the PWR bit is set in the General Status Register (see Section 5.2, "Status Registers").
4.6
Multiple Touch Pattern Detection
The multiple touch pattern (MTP) detection circuitry can be used to detect lid closure or other similar
events. An event can be flagged based on either a minimum number of sensor inputs or on specific
sensor inputs simultaneously exceeding an MTP threshold or having their Noise Flag Status Register
bits set. An interrupt can also be generated. During an MTP event, all touches are blocked (see
Section 5.15, "Multiple Touch Pattern Configuration Register").
4.7
Noise Controls
4.7.1
Low Frequency Noise Detection
Each sensor input has a low frequency noise detector that will sense if low frequency noise is injected
onto the input with sufficient power to corrupt the readings. By default, if this occurs, the device will
reject the corrupted sample (see DIS_ANA_NOISE bit in Section 5.6.1, "Configuration - 20h") and the
corresponding bit is set to a logic ‘1’ in the Noise Flag Status register (see SHOW_RF_NOISE bit in
Section 5.6.2, "Configuration 2 - 44h").
4.7.2
RF Noise Detection
Each sensor input contains an integrated RF noise detector. This block will detect injected RF noise
on the CS pin. The detector threshold is dependent upon the noise frequency. By default, if RF noise
is detected on a CS line, that sample is removed and not compared against the threshold (see
DIS_RF_NOISE bit in Section 5.6.2, "Configuration 2 - 44h").
4.7.3
Noise Status and Configuration
The Noise Flag Status (see Section 5.3, "Noise Flag Status Registers") bits can be used to indicate
RF and/or other noise. If the SHOW_RF_NOISE bit in the Configuration Register (see Section 5.6,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com