Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAP1208 Datasheet(PDF) 19 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 19 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 15Page - Microchip Technology CAP1208 Datasheet HTML 16Page - Microchip Technology CAP1208 Datasheet HTML 17Page - Microchip Technology CAP1208 Datasheet HTML 18Page - Microchip Technology CAP1208 Datasheet HTML 19Page - Microchip Technology CAP1208 Datasheet HTML 20Page - Microchip Technology CAP1208 Datasheet HTML 21Page - Microchip Technology CAP1208 Datasheet HTML 22Page - Microchip Technology CAP1208 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
 2014 Microchip Technology Inc.
DS00001570B-page 19
Chapter 4 General Description
The CAP1208 is a multiple channel capacitive touch sensor. It contains eight (8) individual capacitive
touch sensor inputs with programmable sensitivity for use in touch sensor applications. Each sensor
input is calibrated to compensate for system parasitic capacitance and automatically recalibrated to
compensate for gradual environmental changes.
The CAP1208 includes Multiple Pattern Touch recognition that allows the user to select a specific set
of buttons to be touched simultaneously. If this pattern is detected, a status bit is set and an interrupt
is generated.
The CAP1208 has Active and Standby states, each with its own sensor input configuration controls.
Power consumption in the Standby state is dependent on the number of sensor inputs enabled as well
as averaging, sampling time, and cycle time. Deep Sleep is the lowest power state available, drawing
5µA (typical) of current. In this state, no sensor inputs are active, and communications will wake the
device.
The device communicates with a host controller using SMBus / I2C. The host controller may poll the
device for updated information at any time or it may configure the device to flag an interrupt whenever
a touch is detected on any sensor pad.
A typical system diagram is shown in Figure 4.1.
Figure 4.1 System Diagram for CAP1208
CAP1208
CS6
Embedded
Controller
CS7
CS8
CS3
CS2
CS1
CS4
CS5
Touch
Button
Touch
Button
Touch
Button
Touch
Button
Touch
Button
Touch
Button
Touch
Button
Touch
Button
VDD
GND
3.0V to 5.5V
10kOhm
resistors
3.0V to 5.5V
1.0uF
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com