Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAP1208 Datasheet(PDF) 36 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 36 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 32Page - Microchip Technology CAP1208 Datasheet HTML 33Page - Microchip Technology CAP1208 Datasheet HTML 34Page - Microchip Technology CAP1208 Datasheet HTML 35Page - Microchip Technology CAP1208 Datasheet HTML 36Page - Microchip Technology CAP1208 Datasheet HTML 37Page - Microchip Technology CAP1208 Datasheet HTML 38Page - Microchip Technology CAP1208 Datasheet HTML 39Page - Microchip Technology CAP1208 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 36
 2014 Microchip Technology Inc.
‘0’ (default) - The maximum duration recalibration functionality is disabled. A touch may be held
indefinitely and no recalibration will be performed on any sensor input.
‘1’ - The maximum duration recalibration functionality is enabled. If a touch is held for longer than
the MAX_DUR bit settings (see Section 5.8), the recalibration routine will be restarted (see Section
4.4.3, "Delayed Recalibration").
5.6.2
Configuration 2 - 44h
Bit 6 - BC_OUT_RECAL - Controls whether to retry analog calibration when the base count is out of
limit for one or more sensor inputs.
‘0’ - When the BC_OUTx bit is set for a sensor input, the out of limit base count will be used for
the sensor input.
‘1’ (default) - When the BC_OUTx bit is set for a sensor input (see Section 5.17, "Base Count Out
of Limit Register"), analog calibration will be repeated on the sensor input.
Bit 5 - BLK_PWR_CTRL - Determines whether the device will reduce power consumption while waiting
between conversion time completion and the end of the sensing cycle.
‘0’ (default) - The device will reduce power consumption during the time between the end of the
last conversion and the end of the sensing cycle.
‘1’ - The device will not reduce power consumption during the time between the end of the last
conversion and the end of the sensing cycle.
Bit 4 - BC_OUT_INT - Controls the interrupt behavior when the base count is out of limit for one or
more sensor inputs.
‘0’ (default) - An interrupt is not generated when the BC_OUT bit is set (see Section 5.2, "Status
Registers").
‘1’ - An interrupt is generated when the BC_OUT bit is set.
Bit 3 - SHOW_RF_NOISE - Determines whether the Noise Status bits will show RF Noise as the only
input source.
‘0’ (default) - The Noise Status registers will show both RF noise and low frequency noise if either
is detected on a capacitive touch sensor input.
‘1’ - The Noise Status registers will only show RF noise if it is detected on a capacitive touch sensor
input. Low frequency noise will still be detected and touches will be blocked normally; however, the
status bits will not be updated.
Bit 2 - DIS_RF_NOISE - Determines whether the RF noise filter is enabled. Setting this bit disables
the feature.
‘0’ (default) - If RF noise is detected by the analog block, the delta count on the corresponding
channel is set to 0. Note that this does not require that Noise Status bits be set.
‘1’ - A touch is not blocked even if RF noise is detected.
Bit 1 - ACAL_FAIL_INT - Controls the interrupt behavior when analog calibration fails for one or more
sensor inputs (see Section 4.4, "Sensor Input Calibration").
‘0’ (default) - An interrupt is not generated when the ACAL_FAIL bit is set (see Section 5.2, "Status
Registers").
‘1’ - An interrupt is generated when the ACAL_FAIL bit is set
Bit 0 - INT_REL_n - Controls the interrupt behavior when a release is detected on a button (see
Section 4.8.2, "Capacitive Sensor Input Interrupt Behavior").
‘0’ (default) - An interrupt is generated when a press is detected and again when a release is
detected and at the repeat rate (if enabled - see Section 5.13).
‘1’ - An interrupt is generated when a press is detected and at the repeat rate but not when a
release is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com