Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAP1208 Datasheet(PDF) 17 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 17 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 13Page - Microchip Technology CAP1208 Datasheet HTML 14Page - Microchip Technology CAP1208 Datasheet HTML 15Page - Microchip Technology CAP1208 Datasheet HTML 16Page - Microchip Technology CAP1208 Datasheet HTML 17Page - Microchip Technology CAP1208 Datasheet HTML 18Page - Microchip Technology CAP1208 Datasheet HTML 19Page - Microchip Technology CAP1208 Datasheet HTML 20Page - Microchip Technology CAP1208 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
 2014 Microchip Technology Inc.
DS00001570B-page 17
Note 3.4
CAP1208-1 only. For other addressing options, see Section 3.2.2.
3.4
I2C Protocols
The CAP1208 supports I2C Block Read and Block Write.
The protocols listed below use the convention in Table 3.1.
3.4.1
Block Read
The Block Read is used to read multiple data bytes from a group of contiguous registers as shown in
Table 3.6.
APPLICATION NOTE: When using the Block Read protocol, the internal address pointer will be automatically
incremented after every data byte is received. It will wrap from FFh to 00h.
Note 3.5
CAP1208-1 only. For other addressing options, see Section 3.2.2..
3.4.2
Block Write
The Block Write is used to write multiple data bytes to a group of contiguous registers as shown in
Table 3.7.
APPLICATION NOTE: When using the Block Write protocol, the internal address pointer will be automatically
incremented after every data byte is received. It will wrap from FFh to 00h.
Table 3.5 Receive Byte Protocol
START
SLAVE
ADDRESS
RD
ACK
REGISTER DATA
NACK
STOP
1 -> 0
0101_000
(Note 3.4)
1
0
XXh
1
0 -> 1
Table 3.6 Block Read Protocol
START
SLAVE
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
START
SLAVE
ADDRESS
RD
ACK
REGISTER
DATA
1->0
0101_000
(Note 3.5)
0
0
XXh
0
1 ->0
0101_000
(Note 3.5)
10
XXh
ACK
REGISTER
DATA
ACK
REGISTER
DATA
ACK
REGISTER
DATA
ACK
. . .
REGISTER
DATA
NACK
STOP
0
XXh
0
XXh
0
XXh
0
. . .
XXh
1
0 -> 1
Table 3.7 Block Write Protocol
START
SLAVE
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
REGISTER
DATA
ACK
1 ->0
0101_000
(Note 3.6)
0
0
XXh
0
XXh
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com