Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAP1208 Datasheet(PDF) 25 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 25 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 21Page - Microchip Technology CAP1208 Datasheet HTML 22Page - Microchip Technology CAP1208 Datasheet HTML 23Page - Microchip Technology CAP1208 Datasheet HTML 24Page - Microchip Technology CAP1208 Datasheet HTML 25Page - Microchip Technology CAP1208 Datasheet HTML 26Page - Microchip Technology CAP1208 Datasheet HTML 27Page - Microchip Technology CAP1208 Datasheet HTML 28Page - Microchip Technology CAP1208 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
 2014 Microchip Technology Inc.
DS00001570B-page 25
APPLICATION NOTE: Figure 4.3 and Figure 4.4 show default operation which is to generate an interrupt upon
sensor pad release.
APPLICATION NOTE: The host may need to poll the device twice to determine that a release has been detected.
4.8.3
Interrupts for the Power Button
Interrupts are automatically enabled for the power button when the feature is enabled (see Section 4.5,
"Power Button"). A touch must be held on the power button for the designated period of time before
an interrupt is generated.
Figure 4.3 Sensor Interrupt Behavior - Repeat Rate Enabled
Figure 4.4 Sensor Interrupt Behavior - No Repeat Rate Enabled
Touch Detected
INT bit
Button Status
Write to INT bit
Sensing Cycle
(35ms)
Min Press Setting
(280ms)
Interrupt on
Touch
Button Repeat Rate
(175ms)
Button Repeat Rate
(175ms)
Interrupt on
Release
(optional)
ALERT# pin
Touch Detected
INT bit
Button Status
Write to INT bit
Sensing Cycle
(35ms)
Interrupt on
Touch
Interrupt on
Release
(optional)
ALERT# pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com