Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAP1208 Datasheet(PDF) 20 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 20 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 16Page - Microchip Technology CAP1208 Datasheet HTML 17Page - Microchip Technology CAP1208 Datasheet HTML 18Page - Microchip Technology CAP1208 Datasheet HTML 19Page - Microchip Technology CAP1208 Datasheet HTML 20Page - Microchip Technology CAP1208 Datasheet HTML 21Page - Microchip Technology CAP1208 Datasheet HTML 22Page - Microchip Technology CAP1208 Datasheet HTML 23Page - Microchip Technology CAP1208 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 20
 2014 Microchip Technology Inc.
4.1
Power States
The CAP1208 has 3 power states depending on the status of the STBY and DSLEEP bits (see Section
5.1, "Main Control Register"). When the device transitions between power states, previously detected
touches (for channels that are being de-activated) are cleared and the sensor input status bits are
reset.
1. Active - The normal mode of operation. The device is monitoring capacitive sensor inputs enabled
in the Active state (see Section 5.7, "Sensor Input Enable Register").
2. Standby - When the STBY bit is set, the device is monitoring the capacitive sensor inputs enabled
in the Standby state (see Section 5.21, "Standby Channel Register"). Interrupts can still be
generated based on the enabled channels. The device will still respond to communications
normally and can be returned to the Active state of operation by clearing the STBY bit. Power
consumption in this state is dependent on the number of sensor inputs enabled as well as
averaging, sampling time, and cycle time.
3. Deep Sleep - When the DSLEEP bit is set, the device is in its lowest power state. It is not
monitoring any capacitive sensor inputs. While in Deep Sleep, the CAP1208 can be awakened by
SMBus communications targeting the device. This will not cause the DSLEEP to be cleared so the
device will return to Deep Sleep once all communications have stopped. The device can be
returned to the Active state of operation by clearing the DSLEEP bit.
4.2
Reset
The Power-On Reset (POR) circuit holds the device in reset until VDD has reached an acceptable level,
Power-on Reset Release Voltage (VPORR), for minimum operation. The power-up timer (PWRT) is
used to extend the start-up period until all device operation conditions have been met. The power-up
timer starts after VDD reaches VPORR. POR and PORR with slow rising VDD is shown in Figure 4.2.
The Brown-Out Reset (BOR) circuit holds the device in reset when VDD falls to a minimum level, VBOR
for longer than the BOR reset delay (tBORDC). After a BOR, when VDD rises above VPORR, the power-
up timer is started again and must finish before reset is released, as shown in Figure 4.2.
4.3
Capacitive Touch Sensing
The CAP1208 contains eight (8) independent capacitive touch sensor inputs. Each sensor input has
dynamic range to detect a change of capacitance due to a touch. Additionally, each sensor input can
be configured to be automatically and routinely recalibrated.
Figure 4.2 POR and PORR With Slow Rising VDD and BOR with Falling VDD
VDD
VBOR
TPWRT
GND
Undefined
SYSRST
VPOR
VPORR
TBORDC TPWRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com