Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAP1208 Datasheet(PDF) 30 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 30 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 26Page - Microchip Technology CAP1208 Datasheet HTML 27Page - Microchip Technology CAP1208 Datasheet HTML 28Page - Microchip Technology CAP1208 Datasheet HTML 29Page - Microchip Technology CAP1208 Datasheet HTML 30Page - Microchip Technology CAP1208 Datasheet HTML 31Page - Microchip Technology CAP1208 Datasheet HTML 32Page - Microchip Technology CAP1208 Datasheet HTML 33Page - Microchip Technology CAP1208 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 30
 2014 Microchip Technology Inc.
During power-on reset (POR), the default values are stored in the registers. A POR is initiated when
power is first applied to the part and the voltage on the VDD supply surpasses the POR level as
specified in the electrical characteristics.
When a bit is “set”, this means it’s at a logic ‘1’. When a bit is “cleared”, this means it’s at a logic ‘0’.
5.1
Main Control Register
The Main Control register controls the primary power state of the device (see Section 4.1, "Power
States").
Bit 5 - STBY - Enables Standby.
‘0’ (default) - The device is not in the Standby state.
‘1’ - The device is in the Standby state. Capacitive touch sensor input scanning is limited to the
sensor inputs set in the Standby Channel register (see Section 5.21, "Standby Channel Register").
The status registers will not be cleared until read. Sensor inputs that are no longer sampled will
flag a release and then remain in a non-touched state.
Bit 4 - DSLEEP - Enables Deep Sleep.
‘0’ (default) - The device is not in the Deep Sleep state.
‘1’ - The device is in the Deep Sleep state. All sensor input scanning is disabled. The status
registers are automatically cleared and the INT bit is cleared. When this bit is set, the STBY bit
has no effect.
B7h
R
Sensor Input 7
Calibration
Stores the upper 8-bit calibration
value for CS7
00h
Page 56
B8h
R
Sensor Input 8
Calibration
Stores the upper 8-bit calibration
value for CS8
00h
Page 56
B9h
R
Sensor Input
Calibration LSB 1
Stores the 2 LSBs of the calibration
value for CS1 - CS4
00h
Page 56
BAh
R
Sensor Input
Calibration LSB 2
Stores the 2 LSBs of the calibration
value for CS5 - CS8
00h
Page 56
ID Registers
FDh
R
Product ID
Stores a fixed value that identifies
the CAP1208
6Bh
Page 57
FEh
R
Manufacturer ID
Stores a fixed value that identifies
MCHP
5Dh
Page 57
FFh
R
Revision
Stores a fixed value that represents
the revision number
00h
Page 57
Table 5.2 Main Control Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
00h
R/W
Main Control
-
-
STBY
DSLEEP
-
-
-
INT
00h
Table 5.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com