Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAP1208 Datasheet(PDF) 57 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 57 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 53Page - Microchip Technology CAP1208 Datasheet HTML 54Page - Microchip Technology CAP1208 Datasheet HTML 55Page - Microchip Technology CAP1208 Datasheet HTML 56Page - Microchip Technology CAP1208 Datasheet HTML 57Page - Microchip Technology CAP1208 Datasheet HTML 58Page - Microchip Technology CAP1208 Datasheet HTML 59Page - Microchip Technology CAP1208 Datasheet HTML 60Page - Microchip Technology CAP1208 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
 2014 Microchip Technology Inc.
DS00001570B-page 57
The Sensor Input Calibration registers hold the 10-bit value that represents the last calibration value.
The value represents the capacitance applied to the internal sensing circuits to balance the
capacitance of the sensor input pad. Minimum (000h) and maximum (3FFh) values indicate analog
calibration failure (see Section 4.4, "Sensor Input Calibration").
5.29
Product ID Register
The Product ID register stores a unique 8-bit value that identifies the device.
5.30
Manufacturer ID Register
The Vendor ID register stores an 8-bit value that represents MCHP.
5.31
Revision Register
The Revision register stores an 8-bit value that represents the part revision.
B7h
Sensor Input 7
Calibration
R
CAL7_9
CAL7_8
CAL7_7
CAL7_6
CAL7_5
CAL7_4
CAL7_3
CAL7_2
00h
B8h
Sensor Input 8
Calibration
R
CAL8_9
CAL8_8
CAL8_7
CAL8_6
CAL8_5
CAL8_4
CAL8_3
CAL8_2
00h
B9h
Sensor Input
Calibration
LSB 1
R
CAL4_1
CAL4_0
CAL3_1
CAL3_0
CAL2_1
CAL2_0
CAL1_1
CAL1_0
00h
BAh
Sensor Input
Calibration
LSB 2
R
CAL8_1
CAL8_0
CAL7_1
CAL7_0
CAL6_1
CAL6_0
CAL5_1
CAL5_0
00h
Table 5.49 Product ID Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FDh
R
Product ID
CAP1208
01101011
6Bh
Table 5.50 Vendor ID Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FEh
R
Manufacturer ID
01
011101
5Dh
Table 5.51 Revision Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FFh
R
Revision
00000000
00h
Table 5.48 Sensor Input Calibration Registers (continued)
ADDR
REGISTER
R/W
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com