Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAP1208 Datasheet(PDF) 28 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 28 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 24Page - Microchip Technology CAP1208 Datasheet HTML 25Page - Microchip Technology CAP1208 Datasheet HTML 26Page - Microchip Technology CAP1208 Datasheet HTML 27Page - Microchip Technology CAP1208 Datasheet HTML 28Page - Microchip Technology CAP1208 Datasheet HTML 29Page - Microchip Technology CAP1208 Datasheet HTML 30Page - Microchip Technology CAP1208 Datasheet HTML 31Page - Microchip Technology CAP1208 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 28
 2014 Microchip Technology Inc.
26h
R/W
Calibration Activate
and Status
Forces calibration for capacitive
touch sensor inputs and indicates
calibration failure
00h
Page 42
27h
R/W
Interrupt Enable
Determines which capacitive sensor
inputs can generate interrupts
FFh
Page 43
28h
R/W
Repeat Rate Enable
Enables repeat rate for specific
sensor inputs
FFh
Page 43
2Ah
R/W
Multiple Touch
Configuration
Determines the number of
simultaneous touches to flag a
multiple touch condition
80h
Page 44
2Bh
R/W
Multiple Touch Pattern
Configuration
Determines the multiple touch
pattern (MTP) configuration
00h
Page 45
2Dh
R/W
Multiple Touch Pattern
Determines the pattern or number of
sensor inputs used by the MTP
circuitry
FFh
Page 46
2Eh
R
Base Count Out of
Limit
Indicates whether sensor inputs
have a base count out of limit
00h
Page 47
2Fh
R/W
Recalibration
Configuration
Determines recalibration timing and
sampling window
8Ah
Page 48
30h
R/W
Sensor Input 1
Threshold
Stores the touch detection threshold
for Active for CS1
40h
Page 49
31h
R/W
Sensor Input 2
Threshold
Stores the touch detection threshold
for Active for CS2
40h
Page 49
32h
R/W
Sensor Input 3
Threshold
Stores the touch detection threshold
for Active for CS3
40h
Page 49
33h
R/W
Sensor Input 4
Threshold
Stores the touch detection threshold
for Active for CS4
40h
Page 49
34h
R/W
Sensor Input 5
Threshold
Stores the touch detection threshold
for Active for CS5
40h
Page 49
35h
R/W
Sensor Input 6
Threshold
Stores the touch detection threshold
for Active for CS6
40h
Page 49
36h
R/W
Sensor Input 7
Threshold
Stores the touch detection threshold
for Active for CS7
40h
Page 50
37h
R/W
Sensor Input 8
Threshold
Stores the touch detection threshold
for Active for CS8
40h
38h
R/W
Sensor Input Noise
Threshold
Stores controls for selecting the
noise threshold for all sensor inputs
01h
Page 50
Standby Configuration Registers
40h
R/W
Standby Channel
Controls which sensor inputs are
enabled for Standby
00h
Page 51
41h
R/W
Standby Configuration
Controls averaging and sensing
cycle time for Standby
39h
Page 51
Table 5.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com