Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS9210 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 22Page - National Semiconductor (TI) CS9210 Datasheet HTML 23Page - National Semiconductor (TI) CS9210 Datasheet HTML 24Page - National Semiconductor (TI) CS9210 Datasheet HTML 25Page - National Semiconductor (TI) CS9210 Datasheet HTML 26Page - National Semiconductor (TI) CS9210 Datasheet HTML 27Page - National Semiconductor (TI) CS9210 Datasheet HTML 28Page - National Semiconductor (TI) CS9210 Datasheet HTML 29Page - National Semiconductor (TI) CS9210 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
www.national.com
26
Revision 3.2
Register Descriptions (Continued)
Index 08h-09h
Number of LP/Valid Line Start Register (R/W)
Reset Value = 0004h
15:9
Reserved: Must be set to 0.
8:0
Number of LP / Valid Line Start: This 9-bit value has a different meaning for 1X or 2X display modes. (Refer to Figure 4-
1.)
Number of LP (1X Mode, Index 02h[5] = 0): Number of LP pulses required by the LCD panel in 1X Refresh Mode. Since
some LCD panels may require more LP pulses than the actual number of displayable lines, this feature allows the
required number of LP pulses to be sent.
Valid Line Start (2X Mode, Index 02h[5] = 1): Line count for valid data start after FP_VSYNC in 2X Refresh Mode.
Instead of synthesizing all the LP pulses in 2X Refresh Mode, LP pulses are in fact equivalent to the input FP_HSYNC
with a programmable starting point offset. This valid line count informs the hardware when to look for valid incoming data.
Index 0Ah-0Bh
LP Adjust Register (R/W)
Reset Value = 0001h
15:9
Reserved: Must be set to 0.
8:0
LP Adjust: This 9-bit value defines the number of LP pulses to be lengthened by one extra cycle in order to spread out
the error in LP timing. (Refer to Figure 4-1.)
For example:
DOTCLK
= 40 MHz
Vertical Frequency = 60 Hz
Required # of LP
= 300
LP_END
= DOTCLK / Vsync / # of LP
= 40M / 60 / 300 = 2222.22
≈ 2222
This 0.22 error will introduce a timing error at the last LP pulse before FLM of 1.67 µs (0.22 x 300 x 1/40M). In order to
spread this error out over all LP intervals, LP_ADJUST is set to:
LP_ADJUST
= 0.22 * 300
=66
Index 0Ch-0Dh
LP Start Register (R/W)
Reset Value = 005Ah
15:12
Reserved: Must be set to 0.
11:0
LP Start: 12-bit value that specifies the number of DOTCLK cycles to the start of the next LP pulse from the falling edge
of the last LP before internal VSYNC. (Refer to Figure 4-1.)
Index 0Eh-0Fh
LP End Register (R/W)
Reset Value = 0075h
15:12
Reserved: Must be set to 0.
11:0
LP End: 12-bit value that specifies the number of DOTCLK cycles in duration for updating one line of the LCD panel. This
value is used only in 1X Refresh Mode (Index 02h[5] = 0). (Refer to Figure 4-1.)
Index 10h-11h
FLM Start Register (R/W
Reset Value = 0020h
15:12
Reserved: Must be set to 0.
11:0
FLM Start: 12-bit value that specifies the number of DOTCLK cycles to the start of an FLM pulse from the internal
VSYNC signal rising edge. (Refer to Figure 4-1.)
Index 12h-13h
FLM End Register (R/W)
Reset Value = 0010h
15:12
Reserved: Must be set to 0.
11:0
FLM End: 12-bit value that specifies the number of DOTCLK cycles to the falling edge of the FLM pulse from the falling
edge of the first LP after the FLM pulse started. (Refer to Figure 4-1.)
Table 4-2. CS9210 Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com