Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS9210 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 30Page - National Semiconductor (TI) CS9210 Datasheet HTML 31Page - National Semiconductor (TI) CS9210 Datasheet HTML 32Page - National Semiconductor (TI) CS9210 Datasheet HTML 33Page - National Semiconductor (TI) CS9210 Datasheet HTML 34Page - National Semiconductor (TI) CS9210 Datasheet HTML 35Page - National Semiconductor (TI) CS9210 Datasheet HTML 36Page - National Semiconductor (TI) CS9210 Datasheet HTML 37Page - National Semiconductor (TI) CS9210 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
www.national.com
34
Revision 3.2
Electrical Specifications (Continued)
5.4.2
Serial Interface Timing
Figure 5-3. Serial Interface Signals
Table 5-6. Serial Interface Timing (50 pF Output Load)
Symbol
Parameter
Min
Max
Unit
tS
SCLK period
4*tD
ns
tSHP
SCLK high pulse width
1.5*tD
tS -1.5*tD
ns
tSIS
SCS, SDIN setup to rising SCLK
10
ns
tSIH
SCS, SDIN hold from rising SCLK
0
ns
tSOV
SDO valid from rising SCLK
20
ns
tSOH
SDO hold from rising SCLK
5
ns
tS
SCLK
SCS, SDIN
SDO
tSHP
tSIS
tSIH
tSOV
tSOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com