Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS9210 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 25Page - National Semiconductor (TI) CS9210 Datasheet HTML 26Page - National Semiconductor (TI) CS9210 Datasheet HTML 27Page - National Semiconductor (TI) CS9210 Datasheet HTML 28Page - National Semiconductor (TI) CS9210 Datasheet HTML 29Page - National Semiconductor (TI) CS9210 Datasheet HTML 30Page - National Semiconductor (TI) CS9210 Datasheet HTML 31Page - National Semiconductor (TI) CS9210 Datasheet HTML 32Page - National Semiconductor (TI) CS9210 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Revision 3.2
29
www.national.com
Register Descriptions (Continued)
Table 4-4. CS9210 Registers (LFSR Seed, Dithering and FRM Memory Block)
Bit
Description
Index 20h-21h
Red LFSR Seed Register (R/W)
Reset Value = 00AAh
15
Reserved: Must be set to 0.
14:0
Red LFSR Seed: 15-bit value that specifies the seed value for the FRM conversion LFSR for flicker removal of the red
component of each pixel.
Index 22h-23h
Green LFSR Seed Register (R/W)
Reset Value = 0032h
15
Reserved: Must be set to 0.
14:0
Green LFSR Seed:15-bit value that specifies the seed value for the FRM conversion LFSR for flicker removal of the
green component of each pixel.
Index 24h-25h
Blue LFSR Seed Register (R/W)
Reset Value = 00h
15
Reserved: Must be set to 0.
14:0
Blue LFSR Seed: 15-bit value that specifies the seed value for the FRM conversion LFSR for flicker removal of the blue
component of each pixel.
26h-7Fh
Reserved
00h
Index 80h-9Fh
Selected Dithering Memory (R/W)
7:0
Dithering Memory Data: The dithering memory represents 16 levels of 4x4 dither, 256 bits, arranged as 32 bytes. The
Control Register, at Index 02h, selects which color component’s dither memory is being addressed; red, green or blue.
The memory organization to be used when programming the dither memory is described in Section 3.9 “Programming the
FRM and Dither Memories”.
A0h-BFh
Reserved
00h
Index C0h-FFh
Selected FRM Memory Block (R/W)
7:0
FRM Memory Data: The FRM memory represents 32 levels of 64 frame modulation data, 2048 bits, arranged as 256
bytes. The FRM memory is addressed in 512-bit (64 byte) blocks at a time. The FRM Memory Block Select register deter-
mines which of the four memory blocks is being addressed. The Control Register, at Index 02h, selects which color com-
ponent’s FRM memory is being addressed; red, green or blue. The memory organization to be used when programming
the frame modulation memory is described in Section 3.9 “Programming the FRM and Dither Memories”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com