Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS9210 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 11Page - National Semiconductor (TI) CS9210 Datasheet HTML 12Page - National Semiconductor (TI) CS9210 Datasheet HTML 13Page - National Semiconductor (TI) CS9210 Datasheet HTML 14Page - National Semiconductor (TI) CS9210 Datasheet HTML 15Page - National Semiconductor (TI) CS9210 Datasheet HTML 16Page - National Semiconductor (TI) CS9210 Datasheet HTML 17Page - National Semiconductor (TI) CS9210 Datasheet HTML 18Page - National Semiconductor (TI) CS9210 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Revision 3.2
15
www.national.com
Functional Description (Continued)
3.3
TIMING SIGNALS AND PANEL CLOCK
The CS9210 controls the generation of the flat panel tim-
ing signals via internal counters that count pixels as they
are output to the display. When the last pixel of a line is
output, the LP signal is asserted. The duration of the LP is
programmable via the LP Start and End registers at Index
0Ch-0Fh has shown in Table 3-3. Certain panels require
extra LPs at the end of a frame scan. This requirement is
also supported. The FLM output is asserted after a verti-
cal sync has occurred and the first pixel line, while
ENA_DISP is active, has begun. Position and duration of
the FLM pulse is also programmable via the FLM Start
and End registers at Index 10h-13h as shown in Table 3-3.
The CS9210 generates the STN panel clock. Since frac-
tional pixels are generally sent on the pixel bus to STN
panels, the ability to control the SHFCLK signal on a pixel-
to-pixel basis is provided to modulate the panel clock duty
cycle. Generally, for 16-bit DSTNs, the panel clock is the
DOTCLK divided by four with every fourth pulse masked
off (three SHFCLKs for four DOTCLK/4s). Programmable
options provide support for a wide range of panels.
3.4
SIMULTANEOUS DISPLAY
Theproblem with displaying pixeldatatobothaCRT
screen and a dual-scan STN panel at the same time, is
that both the upper and lower halves of a dual-scan STN
panel screen must be written at the same time. For a dual-
scan STN panel, pixel data for two horizontal scan lines is
written to the panel at the same time, one scan line to the
upper half of the panel and one scan line to the lower half
of the panel. This differs from the order that pixel data is
written to a CRT screen, where the pixel data for one hori-
zontal scan line at a time is written to the screen, starting
with the scan line at the top of the screen and ending at
the bottom of the screen.
Designs which incorporate the CS9210 are able to sup-
port simultaneous display with a dual-scan STN panel and
CRT. The CS9210 stores an entire frame of pixel data in
one of the external DRAM frame buffers, and then reor-
ders the pixel data stream to include pixel data for both
the upper and lower halves of the screen before sending
the data out to the panel. The data in the DRAM buffer
has already been frame-rate-modulated and/or dithered, if
necessary, and packed as three bits per pixel.
Simultaneous display is supported with both the panel
and CRT in the same mode and refresh rate. In this mode,
the refresh rate should be set as high as possible while
maintaining compatibility with established monitor timing
standards (typically 72-75 Hz). The same pixel input data
is fed to the CRT and the CS9210 simultaneously. As the
data comes into the CS9210, it is stored in one of the
external DRAMframe buffers. At thesametimedatais
being stored for the current frame, the CS9210 is reading
pixel data for the previous frame from the other external
DRAM frame buffer and sending it out on the flat panel
interface.
Table 3-3. Timing Related Registers
Bit
Description
Index 0Ch-0Dh
LP Start Register (R/W)
Reset Value = 005Ah
15:12
Reserved: Must be set to 0.
11:0
LP Start: 12-bit value that specifies the number of DOTCLK cycles to the start of the next LP pulse from the falling edge
of the last LP before internal VSYNC. (Refer to Figure 4-1.)
Index 0Eh-0Fh
LP End Register (R/W)
Reset Value = 0075h
15:12
Reserved: Must be set to 0.
11:0
LP End: 12-bit value that specifies the number of DOTCLK cycles in duration for updating one line of the LCD panel. This
value is used only in 1X Refresh Mode (Index 02h[5] = 0). (Refer to Figure 4-1.)
Index 10h-11h
FLM Start Register (R/W
Reset Value = 0020h
15:12
Reserved: Must be set to 0.
11:0
FLM Start — 12-bit value that specifies the number of DOTCLK cycles to the start of an FLM pulse from the internal
VSYNC signal rising edge. (Refer to Figure 4-1.)
Index 12h-13h
FLM End Register (R/W)
Reset Value = 0010h
15:12
Reserved: Must be set to 0.
11:0
FLM End: 12-bit value that specifies the number of DOTCLK cycles to the falling edge of the FLM pulse from the falling
edge of the first LP after the FLM pulse started. (Refer to Figure 4-1.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com