Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS9210 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 31Page - National Semiconductor (TI) CS9210 Datasheet HTML 32Page - National Semiconductor (TI) CS9210 Datasheet HTML 33Page - National Semiconductor (TI) CS9210 Datasheet HTML 34Page - National Semiconductor (TI) CS9210 Datasheet HTML 35Page - National Semiconductor (TI) CS9210 Datasheet HTML 36Page - National Semiconductor (TI) CS9210 Datasheet HTML 37Page - National Semiconductor (TI) CS9210 Datasheet HTML 38Page - National Semiconductor (TI) CS9210 Datasheet HTML 39Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Revision 3.2
35
www.national.com
Electrical Specifications (Continued)
5.4.3
Flat Panel Timing
Figure 5-4. Flat Panel Interface Signals
Table 5-7. Flat Panel Interface Timing (50 pF Output Load)
Symbol
Parameter
DSTN Mode
TFT Mode
Units
Min
Max
Min
Max
tP
SHFCLK period
2*tD
tD
tD
ns
tPT
SHFCLK rise/fall transition time
4
4
ns
tPHP
SHFCLK high pulse width
tD–4
Follows DOTCLK
input
ns
tPLP
SHFCLK low pulse width
tD–4
ns
tPOS
Panel output setup to falling SHFCLK
tD–4
tD–4
ns
tPOH
Panel output hold from falling SHFCLK
tD–4
tD–4
ns
SHFCLK
tP
tPHP
tPOH
tPOS
tPT
FP_VDDEN, FP_VCONEN
DISPOFF#, FLM, LP
UD[11:0], LD[11:0]
tPLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com