Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS9210 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 10Page - National Semiconductor (TI) CS9210 Datasheet HTML 11Page - National Semiconductor (TI) CS9210 Datasheet HTML 12Page - National Semiconductor (TI) CS9210 Datasheet HTML 13Page - National Semiconductor (TI) CS9210 Datasheet HTML 14Page - National Semiconductor (TI) CS9210 Datasheet HTML 15Page - National Semiconductor (TI) CS9210 Datasheet HTML 16Page - National Semiconductor (TI) CS9210 Datasheet HTML 17Page - National Semiconductor (TI) CS9210 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
www.national.com
14
Revision 3.2
Functional Description (Continued)
Table 3-2 shows the mapping of the data in the three sup-
ported modes. The notation "UG1", for example, repre-
sents the bit value for the green component of pixel
number 1 for the upper panel data. Note that exactly 2 and
2/3 pixels are presented to the panel per SHFCLK in 16-
bit DSTN mode. The 16-bit DSTN mode pixel data
sequence shown in Table 3-2 would start on the next
SHFCLK with UB2 and LB2 followed by the bit values for
the red, green, and blue components of pixel 3.
The mode selection is dictated by the panel type. A panel
with a 1024x768 pixel resolution cannot be made to run at
an 800x600 resolution by changing the mode selection
from 24-bit DSTN to 16-bit DSTN.
Also note that the 16-bit/24-bit designation applies to the
width of the data presented every SHFCLK to the DSTN
panel on the UD/LD outputs. The 16-bit/24-bit designation
has nothing to do with bits-per-pixel.
3.2
2X REFRESH MODE
When 2X refresh mode is enabled, each incoming frame
of screen data is duplicated or displayed twice on the LCD
panel. The rate at which frames are displayed to the panel
is twice the incoming frame rate. Higher refresh rates
improve picture quality and help to reduce any flickering
effects caused by frame rate modulation.
Table 3-2. Panel Output Signal Mapping
Note: An "Unused" panel output is driven low at all times.
LCD
Outputs
16-Bit
DSTN
24-Bit
DSTN
TFT Pass-
Through
Mode
UD11
Unused
UR0
Unused
UD10
Unused
UG0
Unused
UD9
Unused
UB0
Unused
UD8
Unused
UR1
Unused
UD7
UR0
UG1
RED0
UD6
UG0
UB1
RED1
UD5
UB0
UR2
RED2
UD4
UR1
UG2
GREEN0
UD3
UG1
UB2
BLUE2
UD2
UB1
UR3
RED3
UD1
UR2
UG3
GREEN3
UD0
UG2
UB3
BLUE3
LD11
Unused
LR0
Unused
LD10
Unused
LG0
Unused
LD9
Unused
LB0
BLUE5
LD8
Unused
LR1
GREEN5
LD7
LR0
LG1
GREEN1
LD6
LG0
LB1
GREEN2
LD5
LB0
LR2
BLUE0
LD4
LR1
LG2
BLUE1
LD3
LG1
LB2
RED4
LD2
LB1
LR3
GREEN4
LD1
LR2
LG3
BLUE4
LD0
LG2
LB3
RED5
LP
LP
LP
FP_HSYNC
FLM
FLM
FLM
FP_VSYNC
SHFCLK
SHFCLK
SHFCLK
DOTCLK
DISPOFF#
DISPOFF#
DISPOFF#
ENA_DISP
FP_VDDEN
FP_VDDEN
FP_VDDEN
ENA_VDDIN
FP_VCONEN
FP_VCONEN
FP_VCONEN
ENA_LCDIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com