Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS9210 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 26Page - National Semiconductor (TI) CS9210 Datasheet HTML 27Page - National Semiconductor (TI) CS9210 Datasheet HTML 28Page - National Semiconductor (TI) CS9210 Datasheet HTML 29Page - National Semiconductor (TI) CS9210 Datasheet HTML 30Page - National Semiconductor (TI) CS9210 Datasheet HTML 31Page - National Semiconductor (TI) CS9210 Datasheet HTML 32Page - National Semiconductor (TI) CS9210 Datasheet HTML 33Page - National Semiconductor (TI) CS9210 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
www.national.com
30
Revision 3.2
5.0
Electrical Specifications
This section provides information on absolute maximum
ratings, recommended operating conditions, DC charac-
teristics, and AC characteristics for the Geode CS9210
Graphics Companion. All voltage values in the electrical
specifications are with respect to VSS unless otherwise
noted.
5.1
ABSOLUTE MAXIMUM RATINGS
Table 5-1 lists absolute maximum ratings for the CS9210.
Stresses beyond the listed ratings may cause permanent
damage to the device. Exposure to conditions beyond these
limits may (1) reduce device reliability and (2) result in
premature failure even when there is no immediately
apparent sign of failure. Prolonged exposure to conditions
at or near the absolute maximum ratings may also result
in reduced useful life and reliability. These are stress rat-
ings only and do not imply that operation under any condi-
tions other than those listed under Table 5-2 is possible.
5.2
RECOMMENDED OPERATING
CONDITIONS
Table 5-2 lists the recommended operating conditions for
the CS9210.
Table 5-1. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Operating Case Temperature
130
°C
Power Applied
Storage Temperature
–40
150
°C
No Bias
Supply Voltage
4.0
V
Table 5-2. Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
Comments
TC
Operating Case Temperature
0
70
°C
VDD
Supply Voltage
3.0
3.6
V
(3.3V nominal)
VIH
High-Level Input Voltage
2.0
5.25
V
VIL
Low-Level Input Voltage
–0.3
0.8
V
IOH
High-Level Output Current
(for each driver type)
4mA
–4
mA
VO =2.0V
VDD =3.0V
6mA
–6
12 mA
–12
IOL
Low-Level Output Current
4 mA
4
mA
VO =0.4V
VDD =3.0V
6mA
6
12 mA
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com