Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS9210 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 28Page - National Semiconductor (TI) CS9210 Datasheet HTML 29Page - National Semiconductor (TI) CS9210 Datasheet HTML 30Page - National Semiconductor (TI) CS9210 Datasheet HTML 31Page - National Semiconductor (TI) CS9210 Datasheet HTML 32Page - National Semiconductor (TI) CS9210 Datasheet HTML 33Page - National Semiconductor (TI) CS9210 Datasheet HTML 34Page - National Semiconductor (TI) CS9210 Datasheet HTML 35Page - National Semiconductor (TI) CS9210 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
www.national.com
32
Revision 3.2
Electrical Specifications (Continued)
5.4
AC CHARACTERISTICS
The following tables list the AC characteristics including
output delays, input setup requirements, input hold
requirements and output float delays. The rising-clock-
edge reference level VREF, and other reference levels are
shown in Table 5-4.
Input or output signals must cross
these levels during testing.
Input setup and hold times are specified minimums that
define the smallest acceptable sampling window for which
a synchronous input signal must be stable for correct oper-
ation. All AC tests are at VDD = 2.75 to 3.05V (2.9V nomi-
nal), TC =0
oCto 70oC, C
L = 50 pF unless otherwise
specified.
Figure 5-1. Drive Level and Measurement Points for Switching Characteristics
Table 5-4. Drive Level and Measurement Points
for Switching Characteristics
Symbol
Voltage (V)
VREF
1.5
VIHD
2.4
VILD
0.4
CLK
OUTPUTS
INPUTS
VIHD
VILD
VREF
Valid Input
Valid Output n+1
Valid Output n
VREF
VREF
VILD
VIHD
Min
Max
Legend: A = Maximum Output Delay Specification
B = Minimum Output Delay Specification
C = Minimum Input Setup Specification
D = Minimum Input Hold Specification
TX
B
A
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com