Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS9210 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 24Page - National Semiconductor (TI) CS9210 Datasheet HTML 25Page - National Semiconductor (TI) CS9210 Datasheet HTML 26Page - National Semiconductor (TI) CS9210 Datasheet HTML 27Page - National Semiconductor (TI) CS9210 Datasheet HTML 28Page - National Semiconductor (TI) CS9210 Datasheet HTML 29Page - National Semiconductor (TI) CS9210 Datasheet HTML 30Page - National Semiconductor (TI) CS9210 Datasheet HTML 31Page - National Semiconductor (TI) CS9210 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
www.national.com
28
Revision 3.2
Register Descriptions (Continued)
Figure 4-2. Panel Power Up/Down Sequence
Table 4-3. CS9210 Registers (Power Up/Down)
Bit
Description
Index 14h
Power Up/Down Signal Delay Register (R/W)
Reset Value = 31h
7:4
Power Up Signal On Display: 4-bit value that defines the number of FP_VSYNC pulses between FP_VDDEN active and
the LCD timing signals (FLM, LP, SHFCLK, UD[11:0], and LD[11:0]) active. These bits also affect the timing of the
FP_VCONEN and DISPOFF# signals. (Refer to Figure 4-2.)
3:0
Power Down Signal Off Delay: 4-bit value that defines the number of FP_VSYNC pulses between LCD timing signals
inactive and FP_VDDEN inactive.
Index 15h
Power Up/Down LCD Enable Delay Register (R/W)
Reset Value = 23h
7:4
Power Up LCD On Delay: 4-bit value that defines the number of FP_VSYNC pulses between LCD timing signals active
and FP_VCONEN active. These bits also affect the timing of DISPOFF#. The Power Down LCD Off Delay register field
also affects the timing of FP_VDDEN. (Refer to Figure 4-2.)
3:0
Power Down LCD Off Delay: 4-bit value that defines the number of FP_VSYNC pulses between FP_VCONEN inactive
and the LCD timing signals inactive.
Index 16h
Power Up/Down Display On/Off Delay Register (R/W)
Reset Value = 12h
7:4
Power Up Display On Delay: 4-bit value that defines the number of FP_VSYNC pulses between FP_VCONEN active
and DISPOFF# active (high).
3:0
Power Down Display Off Delay: 4-bit value that defines the number of FP_VSYNC pulses between DISPOFF# inactive
(low) and FP_VCONEN inactive. These bits also affect the timing of the LCD timing signals and FP_VDDEN. (Refer to
Figure 4-2.)
Index 17h-1Fh
Reserved
00h
ENA_VDDIN
FP_VDDEN
Power Up
Signal On Delay
Power Down
Signal Off Delay
Power Up
LCD On Delay
Power Down
LCD Off Delay
FLM, LP,
SHFCLK, UD, LD
FP_VCONEN
Power Up Display
On Delay
Power Down Display
Off Delay
DISPOFF#
First FP_VSYNC after
ENA_VDDIN asserted
First FP_VSYNC after
ENA_VDDIN deasserted
Index 14h[7:4]
Index 14h[3:0]
Index 15h[7:4]
Index 15h[3:0]
Index 16h[7:4]
Index 16h[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com