Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS9210 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 23Page - National Semiconductor (TI) CS9210 Datasheet HTML 24Page - National Semiconductor (TI) CS9210 Datasheet HTML 25Page - National Semiconductor (TI) CS9210 Datasheet HTML 26Page - National Semiconductor (TI) CS9210 Datasheet HTML 27Page - National Semiconductor (TI) CS9210 Datasheet HTML 28Page - National Semiconductor (TI) CS9210 Datasheet HTML 29Page - National Semiconductor (TI) CS9210 Datasheet HTML 30Page - National Semiconductor (TI) CS9210 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Revision 3.2
27
www.national.com
Register Descriptions (Continued)
Figure 4-1. LCD Timing Configuration Diagram
LP
Internal
VSYNC
LP_START
LP_END
#1
#2
#N–1
#N
17 DOTCLK cycles in 1X mode
Number
of LP
Possible error without
LP_ADJUST
SHFCLK
FLM_START
FLM_END
FLM
22 DOTCLK cycles in 2X mode
Lengthened pulse from LP_ADJUST
Note: Internal VSYNC is a pulse internal to the CS9210, triggered by a rising edge on the FP_VSYNC input.
Index 10h[11:0] Index 12h[11:0]
Index 0Ch[11:0]
Index 0Eh[11:0]
Index 0Ah[8:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com