Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS9210 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 31Page - National Semiconductor (TI) CS9210 Datasheet HTML 32Page - National Semiconductor (TI) CS9210 Datasheet HTML 33Page - National Semiconductor (TI) CS9210 Datasheet HTML 34Page - National Semiconductor (TI) CS9210 Datasheet HTML 35Page - National Semiconductor (TI) CS9210 Datasheet HTML 36Page - National Semiconductor (TI) CS9210 Datasheet HTML 37Page - National Semiconductor (TI) CS9210 Datasheet HTML 38Page - National Semiconductor (TI) CS9210 Datasheet HTML 39Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
www.national.com
36
Revision 3.2
Electrical Specifications (Continued)
5.4.4
Memory Interface Timing
Figure 5-5. Memory Interface Signals
Table 5-8. Memory Interface Timing (15 pF Output Load)
Symbol
Parameter
1X Refresh Mode
(Min tD = 15.4 ns)
2X Refresh Mode
(Min tD = 15.4 ns)
Unit
Min
Max
Min
Max
tOWS
OEA/B# and WEA/B# setup to falling RASA/B#
3*tD–5
3*tD–5
ns
tOWH
OEA/B# and WEA/B# hold from rising RASA/B#
3*tD–2
3*tD–2
ns
tRP
RASA/B# precharge time
4*tD–2
3*tD–2
ns
tRCD
Falling RASA/B# to falling UCASA/B#, LCASA/B#
2*tD-1
2*tD-1
ns
tCAS
UCASA/B# and LCASA/B# low pulse width
2*tD
tD
ns
tCP
UCASA/B# and LCASA/B# precharge time
2*tD–3
2*tD–3
ns
tASR
MA_A/B setup to falling RASA/B#
3*tD–2
3*tD–2
ns
tRAH
MA_A/B hold from falling RASA/B#
tD–1.5
tD–1.5
ns
tASC
MA_A/B setup to falling UCASA/B#, LCASA/B#
tD–2.5
tD–2.5
ns
tCAH
MA_A/B hold from falling UCASA/B#, LCASA/B#
2*tD–2
tD–2
ns
tDS
MD_A/B write data setup to falling UCASA/B#, LCASA/B#
2*tD–5
2*tD–5
ns
tDH
MD_A/B write data hold from falling UCASA/B#, LCASA/B#
2*tD–2
2*tD–2
ns
tDV
MD_A/B read data valid from falling UCASA/B#, LCASA/B#
2*tD–10
2*tD–10
ns
tASC tCAH
RASA/B#
UCASA/B#
LCASA/B#
MA_A/B[9:0]
MD_A/B[15:0]
OEA/B#
WEA/B#
tRP
tOWS
tOWH
tRCD
tCAS
tCP
tASR tRAH
tDS
tDH
(write)
MD_A/B[15:0]
tDV
(read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com