Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM63
Description  짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM63 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM63 Datasheet HTML 19Page - National Semiconductor (TI) LM63 Datasheet HTML 20Page - National Semiconductor (TI) LM63 Datasheet HTML 21Page - National Semiconductor (TI) LM63 Datasheet HTML 22Page - National Semiconductor (TI) LM63 Datasheet HTML 23Page - National Semiconductor (TI) LM63 Datasheet HTML 24Page - National Semiconductor (TI) LM63 Datasheet HTML 25Page - National Semiconductor (TI) LM63 Datasheet HTML 26Page - National Semiconductor (TI) LM63 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
2.0 LM63 Registers (Continued)
ALERT Status And Mask Registers (Continued)
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
16
HEX ALERT MASK REGISTER (8-bits)
16
R/W
7
1
This bit is unused and always read as 1.
60
Local High
Alarm Mask
When this bit is a 0, a Local High Alarm event will generate an ALERT.
When this bit is a 1, a Local High Alarm will not generate an ALERT
5
1
This bit is unused and always read as 1.
40
Remote
High Alarm Mask
When this bit is a 0, Remote High Alarm event will generate an ALERT.
When this bit is a 1, a Remote High Alarm event will not generate an
ALERT.
30
Remote
Low Alarm
Mask
When this bit is a 0, a Remote Low Alarm event will generate an
ALERT.
When this bit is a 1, a Remote Low Alarm event will not generate an
ALERT.
2
1
This bit is unused and always read as 1.
10
Remote
T_CRIT
Alarm Mask
When this bit is a 0, a Remote T_CRIT event will generate an ALERT.
When this bit is a 1, a Remote T_CRIT event will not generate an
ALERT.
00
Tach
Alarm Mask
When this bit is a 0, a Tach Alarm event will generate an ALERT.
When this bit is a 1, a Tach Alarm event will not generate an ALERT.
Conversion Rate And One-Shot Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
04 (0A)
HEX CONVERSION RATE REGISTER (8-bits)
04 (0A)
R/W
7:0
0x08
Conversion
Rate
Sets the conversion rate of the LM63.
00000000 = 0.0625 Hz
00000001 = 0.125 Hz
00000010 = 0.25 Hz
00000011 = 0.5 Hz
00000100 = 1 Hz
00000101 = 2 Hz
00000110 = 4 Hz
00000111 = 8 Hz
00001000 = 16 Hz
00001001 = 32 Hz
All other values = 32 Hz
04 (0A)
HEX ONE-SHOT REGISTER (8-bits)
0F
Write
Only
7:0
N/A
One Shot
Trigger
With the LM63 in the STANDBY mode a single write to this register will
initiate one complete temperature conversion cycle.
ID Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
FF
HEX STEPPING / DIE REVISION ID REGISTER (8-bits)
FF
Read
Only
7:0
0x41
Stepping/Die
Revision ID
Version of LM63
FE
HEX MANUFACTURER’S ID REGISTER (8-bits)
FE
Read
Only
7:0
0x01
Manufacturer’s ID
0x01 = National Semiconductor
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com