Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM63
Description  짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM63 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM63 Datasheet HTML 10Page - National Semiconductor (TI) LM63 Datasheet HTML 11Page - National Semiconductor (TI) LM63 Datasheet HTML 12Page - National Semiconductor (TI) LM63 Datasheet HTML 13Page - National Semiconductor (TI) LM63 Datasheet HTML 14Page - National Semiconductor (TI) LM63 Datasheet HTML 15Page - National Semiconductor (TI) LM63 Datasheet HTML 16Page - National Semiconductor (TI) LM63 Datasheet HTML 17Page - National Semiconductor (TI) LM63 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
2.0 LM63 Registers (Continued)
Register
0x[HEX]
Register Name
DATA BITS
D7
D6
D5
D4
D3
D2
D1
D0
4F
Lookup Table Hystersis
0
0
0
LOOKH4
LOOKH3
LOOKH2
LOOKH1
LOOKH0
50–5F
Lookup Table
Lookup Table of up to 8 PWM and Temp Pairs in 8-bit Registers
60–BE
[Reserved]
Not Used
BF
Rmt Diode Temp Filter
0
0
0
0
0
RDTF1
RDTF0
ALTCOMP
C0–FD
[Reserved]
Not Used
FE
Manufacturer’s ID
0
0
0
0
0001
FF
Stepping/Die Rev. ID
0
1
0
0
0001
2.2 LM63 REGISTER MAP IN FUNCTIONAL ORDER
The following is a Register Map grouped in Functional Order. Some address locations have been left blank to maintain
compatibility with LM86. Addresses in parenthesis are mirrors of named address. Reading or writing either address will access
the same 8-bit register. The Fan Control and Configuration Registers are listed first, as there is a required order to setup these
registers first and then setup the others. The detailed explanations of each register will follow the order shown below. POR =
Power-On-Reset.
Register
[HEX]
Register Name
Read/Write
POR Default
[HEX]
FAN CONTROL REGISTERS
4A
PWM and RPM
R/W
20
4B
Fan Spin-Up Configuration
R/W
3F
4D
PWM Frequency
R/W
17
4C
PWM Value
Read Only
(R/W if Override Bit is Set)
00
50–5F
Lookup Table
R/W
See Table
4F
Lookup Table Hysteresis
R/W
04
CONFIGURATION REGISTER
03 (09)
Configuration
R/W
00
TACHOMETER COUNT AND LIMIT REGISTERS
46
Tach Count LSB
Read Only
N/A
47
Tach Count MSB
Read Only
N/A
48
Tach Limit LSB
R/W
FF
49
Tach Limit MSB
R/W
FF
LOCAL TEMPERATURE AND LOCAL SETPOINT REGISTERS
00
Local Temperature
Read Only
N/A
05 (0B)
Local High Setpoint
R/W
46 (70˚)
REMOTE DIODE TEMPERATURE AND SETPOINT REGISTERS
01
Remote Temperature MSB
Read Only
N/A
10
Remote Temperature LSB
Read Only
N/A
11
Remote Temperature Offset MSB
R/W
00
12
Remote Temperature Offset LSB
R/W
00
07 (0D)
Remote High Setpoint MSB
R/W
46 (70˚C)
13
Remote High Setpoint LSB
R/W
00
08 (0E)
Remote Low Setpoint MSB
R/W
00 (0˚C)
14
Remote Low Setpoint LSB
R/W
00
19
Remote TCRIT Setpoint
R/W
55 (85˚C)
21
Remote TCRIT Hys
R/W
0A (10˚C)
BF
Remote Diode Temperature Filter
R/W
00
CONVERSION AND ONE-SHOT REGISTERS
04 (0A)
Conversion Rate
R/W
08
0F
One-Shot
Write Only
N/A
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com