Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM63
Description  짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM63 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM63 Datasheet HTML 15Page - National Semiconductor (TI) LM63 Datasheet HTML 16Page - National Semiconductor (TI) LM63 Datasheet HTML 17Page - National Semiconductor (TI) LM63 Datasheet HTML 18Page - National Semiconductor (TI) LM63 Datasheet HTML 19Page - National Semiconductor (TI) LM63 Datasheet HTML 20Page - National Semiconductor (TI) LM63 Datasheet HTML 21Page - National Semiconductor (TI) LM63 Datasheet HTML 22Page - National Semiconductor (TI) LM63 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
2.0 LM63 Registers (Continued)
Configuration Register
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
03 (09)
HEX CONFIGURATION REGISTER
03 (09)
R/W
70
ALERT
Mask
When this bit is a 0, ALERT interrupts are enabled.
When this bit is set to a 1, ALERT interrupts are masked, and the
ALERT pin is always in a high impedance (open) state.
6
0
STANDBY
When this bit is a 0, the LM63 is in operational mode, converting,
comparing, and updating the PWM output continuously.
When this bit is a 1, the LM63 enters a low power standby mode.
In STANDBY, continuous conversions are stopped, but a
conversion/comparison cycle may be initiated by writing any value to
register 0x0F. Operation of the PWM output in STANDBY depends on
the setting of bit 5 in this register.
50
PWM Disable
in STANDBY
When this bit is a 0, the LM63’s PWM output continues to output the
current fan control signal while in STANDBY.
When this bit is a 1, the PWM output is disabled (as defined by the
PWM polarity bit) while in STANDBY.
4:3
00
These bits are unused and always set to 0.
20
ALERT/Tach
Select
When this bit is a 0, the ALERT/Tach pin is an open drain ALERT
output.
When this bit is a 1, the ALERT/Tach pin is a high impedance
Tachometer input.
Note that if this bit is set, the function of the ALERT/Tach pin must be
Tach input, so an external ALERT condition will not occur.
10
T_CRIT Limit
Override
The T_CRIT limit for the remote diode is nominally 85˚C. This value can
be changed once after power-up by first setting this bit to a 1, then
programming a new T_CRIT value into the Remote Diode T_CRIT Limit
(register 0x19). The T_CRIT value can not be changed again except by
cycling power to the LM63.
00
RDTS Fault
Queue
0: an ALERT will be generated if any Remote Diode conversion result is
above the Remote High Set Point or below the Remote Low
Setpoint.
1: an ALERT will be generated only if three consecutive Remote Diode
conversions are above the Remote High Set Point or below the
Remote Low Setpoint.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com