Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM63
Description  짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM63 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM63 Datasheet HTML 11Page - National Semiconductor (TI) LM63 Datasheet HTML 12Page - National Semiconductor (TI) LM63 Datasheet HTML 13Page - National Semiconductor (TI) LM63 Datasheet HTML 14Page - National Semiconductor (TI) LM63 Datasheet HTML 15Page - National Semiconductor (TI) LM63 Datasheet HTML 16Page - National Semiconductor (TI) LM63 Datasheet HTML 17Page - National Semiconductor (TI) LM63 Datasheet HTML 18Page - National Semiconductor (TI) LM63 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
2.0 LM63 Registers (Continued)
Register
[HEX]
Register Name
Read/Write
POR Default
[HEX]
ALERT STATUS AND MASK REGISTERS
02
ALERT Status
Read Only
N/A
16
ALERT Mask
R/W
A4
ID AND TEST REGISTERS
FF
Stepping/Die Rev. ID
Read Only
41
[RESERVED] REGISTERS — NOT USED
06
Not Used
N/A
N/A
0C
Not Used
N/A
N/A
15
Not Used
N/A
N/A
17
Not Used
N/A
N/A
18
Not Used
N/A
N/A
1A–1F
Not Used
N/A
N/A
20
Not Used
N/A
N/A
22–2F
Not Used
N/A
N/A
30–3F
Not Used
N/A
N/A
40–45
Not Used
N/A
N/A
4E
Not Used
N/A
N/A
60–BE
Not Used
N/A
N/A
C0–FD
Not Used
N/A
N/A
2.3 LM63 INITIAL REGISTER SEQUENCE AND REGISTER DESCRIPTIONS IN FUNCTIONAL ORDER
The following is a Register Map grouped in functional and sequence order. Some address locations have been left blank to
maintain compatibility with LM86. Addresses in parenthesis are mirrors of named address for backwards compatibility with some
older software. Reading or writing either address will access the same 8-bit register.
2.3.1 LM63 Required Initial Fan Control Register Sequence
Important! The BIOS must follow the sequence below to configure the following Fan Registers for the LM63 before using any of
the Fan or Tachometer or PWM registers:
Step
[Register]
HEX and Setup Instructions
1
[4A] Write bits 0 and 1; 3 and 4. This includes tach settings if used, PWM internal clock select (1.4 kHz or
360 kHz) and PWM Output Polarity.
2
[4B] Write bits 0 through 5 to program the spin-up settings.
3
[4D] Write bits 0 through 4 to set the frequency settings. This works with the PWM internal clock select.
4
Choose, then write, only one of the following:
A. [4F–5F] the Lookup Table, or
B. [4C] the PWM value bits 0 through 5.
5
If Step 4A, Lookup Table, was chosen and written then write [4A] bit 5 = 0.
All other registers can be written at any time after the above sequence.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com