Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM63
Description  짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM63 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM63 Datasheet HTML 13Page - National Semiconductor (TI) LM63 Datasheet HTML 14Page - National Semiconductor (TI) LM63 Datasheet HTML 15Page - National Semiconductor (TI) LM63 Datasheet HTML 16Page - National Semiconductor (TI) LM63 Datasheet HTML 17Page - National Semiconductor (TI) LM63 Datasheet HTML 18Page - National Semiconductor (TI) LM63 Datasheet HTML 19Page - National Semiconductor (TI) LM63 Datasheet HTML 20Page - National Semiconductor (TI) LM63 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
2.0 LM63 Registers (Continued)
Fan Control Registers (Continued)
Address
Hex
Read/
Write
Bits
POR
Value
Name
Description
4B
HEX FAN PWM AND TACHOMETER CONFIGURATION REGISTER
4B
R/W
7:6
0
Fast
Tachometer
Spin-Up
These bits are unused and always set to 0
51
If 0, the fan spin-up uses the duty cycle and spin-up time, bits 0–4.
If 1, the LM63 sets the PWM output to 100% until the spin-up times out
(per bits 0–2) or the minimum desired RPM has been reached (per the
Tachometer Setpoint setting) using the tachometer input, whichever
happens first. This bit overrides the PWM Spin-Up Duty Cycle register
(bits 4:3) — PWM output is always 100%. Register x03, bit 2 = 1 for
Tachometer mode.
If PWM Spin-Up Time (bits 2:0) = 000, the Spin-Up cycle is bypassed,
regardless of the state of this bit.
4:3
11
PWM
Spin-Up
Duty Cycle
00: Spin-Up cycle bypassed (no Spin-Up), unless Fast Tachometer
Terminated Spin-Up (bit 5) is set.
01: 50%
10: 75%–81% Depends on PWM Frequency. See Applications Notes.
11: 100%
2:0
111
PWM
Spin-Up
Time
000: Spin-Up cycle bypassed (No Spin-Up)
001: 0.05 seconds
010: 0.1 s
011: 0.2 s
100: 0.4 s
101: 0.8 s
110: 1.6 s
111: 3.2 s
4D
HEX FAN PWM FREQUENCY REGISTER
4D
R/W
7:5
000
PWM
Frequency
These bits are unused and always set to 0
4:0
10111
The PWM Frequency = PWM_Clock / 2n, where PWM_Clock = 360
kHz or 1.4 kHz (per the PWM Clock Select bit in Register 4A), and n =
value of the register. Note: n = 0 is mapped to n = 1. See the
Application Note at the end of this datasheet.
4C
HEX PWM VALUE REGISTER
4C
Read
(Write
only if
reg
4A bit
5 = 1.)
7:6
00
PWM
Value
These bits are unused and always set to 0
5:0
000000
If PWM Program (register 4A, bit 5) = 0 this register is read only and
reflects the LM63’s current PWM value from the Lookup Table.
If PWM Program (register 4A, bit 5) = 1, this register is read/write and
the desired PWM value is written directly to this register, instead of
from the Lookup Table, for direct fan speed control.
This register will read 0 during the Spin-Up cycle.
See Application Notes section at the end of this datasheet for more
information regarding the PWM Value and Duty Cycle in %.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com