Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM63
Description  짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM63 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM63 Datasheet HTML 5Page - National Semiconductor (TI) LM63 Datasheet HTML 6Page - National Semiconductor (TI) LM63 Datasheet HTML 7Page - National Semiconductor (TI) LM63 Datasheet HTML 8Page - National Semiconductor (TI) LM63 Datasheet HTML 9Page - National Semiconductor (TI) LM63 Datasheet HTML 10Page - National Semiconductor (TI) LM63 Datasheet HTML 11Page - National Semiconductor (TI) LM63 Datasheet HTML 12Page - National Semiconductor (TI) LM63 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1.0 Functional Description (Continued)
cleared only upon a read command from the master (see
Figure 4 ) and will be re-asserted at the end of the next
conversion if the triggering condition(s) persist(s). In order
for the ALERT to be used as a dedicated interrupt signal, the
Comparator Mode bit in the Remote Diode Temperature
Filter and Comparator Mode Register must be set low. This
is the power-on default state. The following sequence de-
scribes the response of a system that uses the ALERT
output pin as an interrupt flag:
1.
Master senses ALERT low.
2.
Master reads the LM63 ALERT Status Register to deter-
mine what caused the ALERT.
3.
LM63 clears ALERT Status Register, resets the ALERT
HIGH and sets the ALERT Mask bit in the Configuration
Register.
4.
Master attends to conditions that caused the ALERT to
be triggered. The fan is started, setpoint limits are ad-
justed, etc.
5.
Master resets the ALERT Mask bit in the Configuration
Register.
1.2.3 ALERT Output as an SMBus ALERT
An SMBus alert line is created when the ALERT output is
connected to: (1) one or more ALERT outputs of other
SMBus compatible devices, and (2) to a master. Under this
implementation, the LM63’s ALERT should be operated us-
ing the ARA (Alert Response Address) protocol. The SMBus
2.0 ARA protocol, defined in the SMBus specification 2.0, is
a procedure designed to assist the master in determining
which part generated an interrupt and to service that inter-
rupt.
The SMBus alert line is connected to the open-drain ports of
all devices on the bus, thereby AND’ing them together. The
ARA method allows the SMBus master, with one command,
to identify which part is pulling the SMBus alert line LOW. It
also prevents the part from pulling the line LOW again for the
same triggering condition. When an ARA command is re-
ceived by all devices on the bus, the devices pulling the
SMBus alert line LOW: (1) send their address to the master
and (2) release the SMBus alert line after acknowledgement
of their address.
The SMBus Specifications 1.1 and 2.0 state that in response
to and ARA (Alert Response Address) “after acknowledging
the slave address the device must disengage its ALERT
pulldown”. Furthermore, “if the host still sees ALERT low
when the message transfer is complete, it knows to read the
ARA again.” This SMBus “disengaging ALERT requirement
prevents locking up the SMBus alert line. Competitive parts
may address the “disengaging of ALERT” differently than the
LM63 or not at all. SMBus systems that implement the ARA
protocol as suggested for the LM63 will be fully compatible
with all competitive parts.
The LM63 fulfills “disengaging of ALERT” by setting the
ALERT Mask Bit in the Configuration Register after sending
out its address in response to an ARA and releasing the
ALERT output pin. Once the ALERT Mask bit is activated,
the ALERT output pin will be disabled until enabled by
software. In order to enable the ALERT the master must read
the ALERT Status Register, during the interrupt service rou-
tine and then reset the ALERT Mask bit in the Configuration
Register to 0 at the end of the interrupt service routine.
The following sequence describes the ARA response proto-
col.
1.
Master senses SMBus alert line low
2.
Master sends a START followed by the Alert Response
Address (ARA) with a Read Command.
3.
Alerting Device(s) send ACK.
4.
Alerting Device(s) send their address. While transmitting
their address, alerting devices sense whether their ad-
dress has been transmitted correctly. (The LM63 will
reset its ALERT output and set the ALERT Mask bit once
its complete address has been transmitted successfully.)
5.
Master/slave NoACK
6.
Master sends STOP
7.
Master attends to conditions that caused the ALERT to
be triggered. The ALERT Status Register is read and fan
started, setpoints adjusted, etc.
8.
Master resets the ALERT Mask bit in the Configuration
Register.
The ARA, 000 1100, is a general call address. No device
should ever be assigned to this address.
The ALERT Configuration bit in the Remote Diode Tempera-
ture Filter and Comparator Mode Register must be set low in
order for the LM63 to respond to the ARA command.
The ALERT output can be disabled by setting the ALERT
Mask bit in the Configuration Register. The power-on default
is to have the ALERT Mask bit and the ALERT Configuration
bit low.
20057008
FIGURE 4. ALERT Output as an Interrupt Temperature
Response Diagram
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com