Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM63
Description  짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM63 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM63 Datasheet HTML 1Page - National Semiconductor (TI) LM63 Datasheet HTML 2Page - National Semiconductor (TI) LM63 Datasheet HTML 3Page - National Semiconductor (TI) LM63 Datasheet HTML 4Page - National Semiconductor (TI) LM63 Datasheet HTML 5Page - National Semiconductor (TI) LM63 Datasheet HTML 6Page - National Semiconductor (TI) LM63 Datasheet HTML 7Page - National Semiconductor (TI) LM63 Datasheet HTML 8Page - National Semiconductor (TI) LM63 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM63
±1˚C/±3˚C Accurate Remote Diode Digital Temperature
Sensor with Integrated Fan Control
General Description
The LM63 is a remote diode temperature sensor with inte-
grated fan control. The LM63 accurately measures: (1) its
own temperature and (2) the temperature of a diode-
connected transistor, such as a 2N3904, or a thermal diode
commonly found on Computer Processors, Graphics Pro-
cessor Units (GPU) and other ASIC’s. The LM63 remote
temperature sensor’s accuracy is factory trimmed for the
series resistance and 1.0021 non-ideality of the Intel® 0.13
µm Pentium® 4 and Mobile Pentium 4 Processor-M thermal
diode. The LM63 has an offset register to correct for errors
caused by different non-ideality factors of other thermal di-
odes.
For
the
latest
information
contact
hardware.monitor.team@nsc.com.
The
LM63
also
features
an
integrated,
pulse-width-
modulated (PWM), open-drain fan control output. Fan speed
is a combination of the remote temperature reading, the
lookup table and the register settings. The 8-step Lookup
Table enables the user to program a non-linear fan speed vs.
temperature transfer function often used to quiet acoustic
fan noise.
Features
n
Accurately senses diode-connected 2N3904 transistors
or thermal diodes on-board large processors or ASIC’s
n
Accurately senses its own temperature
n
Factory trimmed for Intel Pentium 4 and Mobile Pentium
4 Processor-M thermal diodes
n
Integrated PWM fan speed control output
n
Acoustic fan noise reduction with User-programmable
8-step Lookup Table
n
Multi-function, user-selectable pin for either ALERT
output, or Tachometer input, functions
n
Tachometer input for measuring fan RPM
n
Offset register can adjust for a variety of thermal diodes
n
10 bit plus sign remote diode temperature data format,
with 0.125˚C resolution
n
SMBus 2.0 compatible interface, supports TIMEOUT
n
LM86-compatible pinout
n
LM86-compatible register set
n
8-pin SOIC package
Key Specifications
j Remote Diode Temp Accuracy
(with quantization
error)
Ambient
Temp
Diode
Temp
I
PWML
Max
Version
Max
Error
30 to 50˚C
60 to 100˚C
5 mA
LM63C
±1.0˚C
30 to 50˚C
60 to 100˚C
5 mA
LM63D
±3.0˚C
0 to 85˚C
25 to 125˚C
8 mA
All
±3.0˚C
j Local Temp Accuracy (includes quantization error)
Ambient Temp
Max Error
25˚C to 125˚C
±3.0˚C
j Supply Voltage
3.0 V to 3.6 V
j Supply Current
1.3 mA (typ)
Applications
n
Computer Processor Thermal Management
(Laptop, Desktop, Workstations, Servers)
n
Graphics Processor Thermal Management
n
Electronic Test Equipment
n
Projectors
n
Office Equipment
n
Industrial Controls
Connection Diagram
20057001
Intel® and Pentium® are registered trademarks of Intel Corporation.
May 2003
© 2003 National Semiconductor Corporation
DS200570
www.national.com


Similar Part No. - LM63

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM63 TI-LM63 Datasheet
1Mb / 41P
The LM63 is a remote diode temperature sensor with integrated fan control.
LM63 TI1-LM63 Datasheet
1Mb / 41P
Accurate Remote Diode Digital Temperature Sensor
LM63 TI2-LM63 Datasheet
748Kb / 44P
LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
REVISED MAY 2013
logo
Seoul Semiconductor
LM630Z SEOUL-LM630Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LM631 SEOUL-LM631 Datasheet
376Kb / 14P
INFRARED LAMP LED
More results

Similar Description - LM63

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM99 NSC-LM99 Datasheet
349Kb / 20P
짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_11 Datasheet
262Kb / 9P
Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM63 TI-LM63 Datasheet
1Mb / 41P
The LM63 is a remote diode temperature sensor with integrated fan control.
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
Accurate Remote Diode Digital Temperature Sensor
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
Remote Diode Digital Temperature Sensor with Integrated Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com