Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM63
Description  짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM63 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM63 Datasheet HTML 12Page - National Semiconductor (TI) LM63 Datasheet HTML 13Page - National Semiconductor (TI) LM63 Datasheet HTML 14Page - National Semiconductor (TI) LM63 Datasheet HTML 15Page - National Semiconductor (TI) LM63 Datasheet HTML 16Page - National Semiconductor (TI) LM63 Datasheet HTML 17Page - National Semiconductor (TI) LM63 Datasheet HTML 18Page - National Semiconductor (TI) LM63 Datasheet HTML 19Page - National Semiconductor (TI) LM63 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
2.0 LM63 Registers (Continued)
LM63 Register Descriptions In Functional Order
Fan Control Registers
Address
Hex
Read/
Write
Bits
POR
Value
Name
Description
4A
HEX FAN PWM AND TACHOMETER CONFIGURATION REGISTER
4A
R/W
7:6
00
PWM
Program
These bits are unused and always set to 0.
51
0: the PWM Value (register 4C) and the Lookup Table (50–5F) are
read-only. The PWM value (0 to 100%) is determined by the current
remote diode temperature and the Lookup Table, and can be read from
the PWM value register.
1: the PWM value (register 4C) and the Lookup Table (Register 50–5F)
are read/write enabled. Writing the PWM Value register will set the
PWM output. This is also the state during which the Lookup Table can
be written.
40
PWM
Output
Polarity
0: the PWM output pin will be 0 V for fan OFF and open for fan ON.
1: the PWM output pin will be open for fan OFF and 0 V for fan ON.
30
PWM Clock
Select
if 0, the master PWM clock is 360 kHz
if 1, the master PWM clock is 1.4 kHz.
2
0
[Reserved]
Always write 0 to this bit.
1:0
00
Tachometer
Mode
00: Traditional tach input monitor, false readings when under minimum
detectable RPM.
01: Traditional tach input monitor, FFFF reading when under minimum
detectable RPM.
10: Most accurate readings, FFFF reading when under minimum
detectable RPM.
11: Least effort on programmed PWM of fan, FFFF reading when under
minimum detectable RPM.
Note: If the PWM Clock is 360 kHz, mode 00 is used regardless of the
setting of these two bits.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com