Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM63
Description  짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM63 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM63 Datasheet HTML 16Page - National Semiconductor (TI) LM63 Datasheet HTML 17Page - National Semiconductor (TI) LM63 Datasheet HTML 18Page - National Semiconductor (TI) LM63 Datasheet HTML 19Page - National Semiconductor (TI) LM63 Datasheet HTML 20Page - National Semiconductor (TI) LM63 Datasheet HTML 21Page - National Semiconductor (TI) LM63 Datasheet HTML 22Page - National Semiconductor (TI) LM63 Datasheet HTML 23Page - National Semiconductor (TI) LM63 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
2.0 LM63 Registers (Continued)
Tachometer Count And Limit Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
47
HEX TACHOMETER COUNT (MSB) and 46HEX TACHOMETER COUNT (LSB) REGISTERS (16 bits: Read LSB first to lock
MSB and ensure MSB and LSB are from the same reading)
47
Read
Only
7:0
N/A
Tachometer
Count (MSB)
These registers contain the current 16-bit Tachometer Count, representing
the period of time between tach pulses.
Note that the 16-bit tachometer MSB and LSB are reversed from the
16-bit temperature readings.
46
Read
Only
7:2
N/A
Tachometer
Count (LSB)
Read
Only
1:0
00
Tachometer
Edge Count
Bits
Edges Used
Tach_Count_Multiple
00:
Reserved - do not use
01:
2
4
10:
3
2
11:
5
1
Note: If PWM_Clock_Select = 360 kHz, then Tach_Count_Multiple = 1
regardless of the setting of these bits.
49
HEX TACHOMETER LIMIT (MSB) and 48HEX TACHOMETER LIMIT (LSB) REGISTERS
49
R/W
7:0
0xFF
Tachometer
Limit MSB)
These registers contain the current 16-bit Tachometer Count, representing
the period of time between tach pulses. Fan RPM = (f * 5,400,000) /
(Tachometer Count), where f = 1 for 2 pulses/rev fan; f = 2 for 1 pulse/rev
fan; and f = 2/3 for 3 pulses/rev fan. See the Applications Notes section
for more tachometer information. Note that the 16-bit tachometer MSB and
LSB are reversed from the 16 bit temperature readings.
48
R/W
7:2
0xFF
Tachometer
Limit (LSB)
R/W
1:0
[Reserved]
Not Used.
Local Temperature And Local High Setpoint Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
00
HEX LOCAL TEMPERATURE REGISTER (8-bits)
00
Read
Only
7:0
N/A
Local
Temperature
Reading (8-bit)
8-bit integer representing the temperature of the LM63 die.
05 (0B)
HEX LOCAL HIGH SETPOINT REGISTER (8-bits)
05
R/W
7:0
0x46
(70˚)
Local HIGH
Setpoint
High Setpoint for the internal diode.
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com