Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM63
Description  짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM63 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM63 Datasheet HTML 14Page - National Semiconductor (TI) LM63 Datasheet HTML 15Page - National Semiconductor (TI) LM63 Datasheet HTML 16Page - National Semiconductor (TI) LM63 Datasheet HTML 17Page - National Semiconductor (TI) LM63 Datasheet HTML 18Page - National Semiconductor (TI) LM63 Datasheet HTML 19Page - National Semiconductor (TI) LM63 Datasheet HTML 20Page - National Semiconductor (TI) LM63 Datasheet HTML 21Page - National Semiconductor (TI) LM63 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
2.0 LM63 Registers (Continued)
Fan Control Registers (Continued)
Address
Hex
Read/
Write
Bits
POR
Value
Name
Description
50
HEX to 5FHEX LOOKUP TABLE (7 Bits for Temperature and 6 Bits for PWM for each Temperature/PWM Pair)
50
Read.
(Write
only if
reg
4A bit
5 = 1.)
70
Lookup Table
Temperature
Entry 1
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output
will be the value in Register 51.
51
7:6
00
Lookup Table
PWM Entry 1
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 50.
52
70
Lookup Table
Temperature
Entry 2
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output
will be the value in Register 53.
53
7:6
00
Lookup Table
PWM Entry 2
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 52.
54
70
Lookup Table
Temperature
Entry 3
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output
will be the value in Register 55.
55
7:6
00
Lookup Table
PWM Entry 3
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 54.
56
70
Lookup Table
Temperature
Entry 4
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output
will be the value in Register 57.
57
7:6
00
Lookup Table
PWM Entry 4
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 56.
58
70
Lookup Table
Temperature
Entry 5
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output
will be the value in Register 59.
59
7:6
00
Lookup Table
PWM Entry 5
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 58.
5A
70
Lookup Table
Temperature
Entry 6
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output
will be the value in Register 5B.
5B
7:6
00
Lookup Table
PWM Entry 6
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 5A.
5C
70
Lookup Table
Temperature
Entry 7
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output
will be the value in Register 5D.
5D
7:6
00
Lookup Table
PWM Entry 7
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 5C.
5E
70
Lookup Table
Temperature
Entry 8
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output
will be the value in Register 5F.
5F
7:6
00
Lookup Table
PWM Entry 8
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 5E.
4F
HEX LOOKUP TABLE HYSTERESIS
4F
R/W
7:5
000
Lookup
Table
Hysteresis
These bits are unused and always set to 0
4:0
00100
The amount of hysteresis applied to the Lookup Table. (1 LSB = 1˚C).
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com