Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM63
Description  짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM63 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button LM63 Datasheet HTML 20Page - National Semiconductor (TI) LM63 Datasheet HTML 21Page - National Semiconductor (TI) LM63 Datasheet HTML 22Page - National Semiconductor (TI) LM63 Datasheet HTML 23Page - National Semiconductor (TI) LM63 Datasheet HTML 24Page - National Semiconductor (TI) LM63 Datasheet HTML 25Page - National Semiconductor (TI) LM63 Datasheet HTML 26Page - National Semiconductor (TI) LM63 Datasheet HTML 27Page - National Semiconductor (TI) LM63 Datasheet HTML 28Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
3.0 Application Notes (Continued)
Pentium 4 processor’s thermal diode. The non-ideality factor,
η, is the only other parameter not accounted for and de-
pends on the diode that is used for measurement. Since
∆V
be is proportional to both
η and T, the variations in η
cannot be distinguished from variations in temperature.
Since the temperature sensor does not control the non-
ideality factor, it will directly add to the inaccuracy of the
sensor.
For the Intel Pentium 4 and Mobile Pentium 4 Processor-M
processors Intel specifies a ±0.1% variation in
η from part to
part. As an example, assume that a temperature sensor has
an accuracy specification of ±1%˚C at room temperature of
25˚C and process used to manufacture the diode has a
non-ideality variation of ±0.1%. The resulting accuracy will
be:
T
ACC = ±1˚C+(±0.1% of 298˚K) = ±1.3˚C
The additional inaccuracy in the temperature measurement
caused by
η, can be eliminated if each temperature sensor is
calibrated with the remote diode that it will be paired with-
.Refer to the processor datasheet for the non-ideality factor.
3.3.2 Compensating for Diode Non-Ideality
In order to compensate for the errors introduced by non-
ideality, the temperature sensor is calibrated for a particular
processor. National Semiconductor temperature sensors are
always calibrated to the typical non-ideality of a particular
processor type.
The LM63 is calibrated for the non-ideality of the 0.13 micron
Intel Pentium 4 and Mobile Pentium 4 Processor-M proces-
sors.
When a temperature sensor, calibrated for a specific type of
processor is used with a different processor type or a given
processor type has a non-ideality that strays form the typical
value, errors are introduced.
Temperature errors associated with non-ideality may be in-
troduced in a specific temperature range of concern through
the use of the Temperature Offset Registers 11
HEX and
12
HEX.
The
user
is
encouraged
to
send
an
e-mail
to
hardware.monitor.team@nsc.com to further request infor-
mation on our recommended setting of the offset register for
different processor types.
3.4 COMPUTING RPM OF THE FAN FROM THE TACH
COUNT
The Tach Count Registers 46
HEX and 47HEX count the num-
ber of periods of the 90 kHz tachometer clock in the LM63 for
the tachometer input from the fan assuming a 2 pulse per
revolution fan tachometer, such as the fans supplied with the
Pentium 4 boxed processors. The RPM of the fan can be
computed from the Tach Count Registers 46
HEX and 47HEX.
This can best be shown through an example.
Example:
Given: the fan used has a tachometer output with 2 per
revolution.
Let:
Register 46 (LSB) is BF
HEX = Decimal (11 x 16) + 15 = 191
and
Register 47 (MSB) is 7
HEX = Decimal (7 x 256) = 1792.
The total Tach Count, in decimal, is 191 + 1792 = 1983.
The RPM is computed using the formula
where
f = 1 for 2 pulses/rev fan tachometer output;
f = 2 for 1 pulse/rev fan tachometer output, and
f = 2 / 3 for 3 pulses/rev fan tachometer output
For our example
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com