| Electronic Components Datasheet Search |
|
CS43L36 Datasheet(PDF) 7 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS43L36 Datasheet(HTML) 7 Page - Cirrus Logic |
|
7 / 89 page ![]() DS1081F3 7 CS43L36 1.4 Electrostatic Discharge (ESD) Protection Circuitry 1.4 Electrostatic Discharge (ESD) Protection Circuitry Fig. 1-3 provides a composite view of the ESD domains showing the ESD protection paths between each pad and the substrate (GNDA) and the interrelations between some domains. Note that this figure represents the structure for the internal protection devices and that additional protections can be implemented as part of the integration into the board. Figure 1-3. Composite ESD Topology VP D7 6 N/A I High Voltage Interface Supply. Power supply for high voltage interface. —— — — GNDA C2 23 N/A I Analog Ground. Ground reference for the internal analog section. —— — — GNDL B3 30 N/A I Digital Ground. Ground reference for interface section. —— — — GNDHS G1 21 N/A I Headset Ground. Ground reference for the internal analog section. —— — — GNDCP F6 12 N/A I Charge Pump Ground. Ground reference for the internal HP amplifiers charge pump. —— — — GNDD B6 38 N/A I Digital Ground. Ground reference for the internal digital circuits. —— — — TSTI C7 5 N/A I Test input. Connect to GNDD — — — — TSTI D3 32 VL I Test input. Connect to GNDD. — — — — TSTI D1, E1, E2, F1, F2, G3 — VP I Test input. Connect to GNDA. — — — — TSTI D2 — VA I Test input. Connect to GNDA. — — — — TSTO A4, A6 33,37 VL O Test output. No connection — — — — TSTO E3, F3, F4 18,19, 22 VP O Test output. No connection — — — — 1.There are no internal connections for the CS43L36. 2.The power supply is determined by ADPTPWR setting (see Section 7.10.1). VP is used if ADPTPWR = 001 (VP_CP Mode) or when necessary for ADPTPWR = 111 (Adapt-to-Signal Mode). ESD-sensitive device. The CS43L36 is manufactured on a CMOS process. Therefore, it is generically susceptible to damage from excessive static voltages. Proper ESD precautions must be taken while handling and storing this device. This device is qualified to current JEDEC ESD standards. Table 1-1. Pin Descriptions (Cont.) Pin Name CSP Pin # QFN Pin # Power Supply I/O Pin Description Internal Connection1 Driver Receiver State at Reset Ground Test GNDL VL Substrate (GNDA) VA VCP GNDA Substrate (GNDA) GNDCP +VCP_FILT VP –VCP_FILT GNDHS ____________________ VL/GNDA Domain ____________________ VA/GNDA Domain __________ VCP/GNDA Domain VP/GNDA Domain _______________ VD_FILT/GNDA Domain VP/–VCP_FILT Domain –VCP_FILT/+VCP_FILT Domain GNDD VD_FILT Note: The asterisks indicate the pads with which the individual pins from the corresponding domains are associated. These pins are listed in Table 1-2. * * * * * |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |