Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS43L36 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 1 Page - Cirrus Logic

  CS43L36 Datasheet HTML 1Page - Cirrus Logic CS43L36 Datasheet HTML 2Page - Cirrus Logic CS43L36 Datasheet HTML 3Page - Cirrus Logic CS43L36 Datasheet HTML 4Page - Cirrus Logic CS43L36 Datasheet HTML 5Page - Cirrus Logic CS43L36 Datasheet HTML 6Page - Cirrus Logic CS43L36 Datasheet HTML 7Page - Cirrus Logic CS43L36 Datasheet HTML 8Page - Cirrus Logic CS43L36 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
Copyright
 Cirrus Logic, Inc. 2014–2018
(All Rights Reserved)
http://www.cirrus.com
DS1081F3
JAN ’18
Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
System Features
• Stereo headphone (HP) output with 114-dB dynamic range
— Class H HP amplifier with four-level automatic or
manual supply adjust
— –98-dB THD+N into 30
 with 10-mW output power
— 2 x 35 mW output power into 30
with 0.018%
THD+N
• Load detection
— Headphone load detection of 15 or 30
— Line-level load (3 k
) with capacitance detection
• Headphone insertion/removal detection with WAKE
• Audio serial port (ASP)
—I2S (two channels) or TDM (up to four channels)
— Slave or Hybrid-Master Mode (bit-clock slave and
LRCK/FSYNC derived from bit clock)
— Supports up to 32-bit audio
— Sample rate support for 8 to 192 kHz
—I2C control with interrupt output
• Integrated fractional-N PLL
— Increases system-clock flexibility for audio processing
— Reference clock sourced from I2S/TDM bit clock
• Bypassable SRCs for maximum flexibility
• Attenuation, mute, and volume controls for each output
• Integrated power management
— Digital core operates from either an external 1.2-V
supply or LDO from a 1.8-V supply.
— Step-down charge pump improves HP efficiency
— Independent peripheral power-down controls
— Standby operation from VP with all other supplies
powered off
— VP monitor to detect and report brownout conditions
— Low-impedance switching suppresses ground-noise
Applications
• Ultrabooks, tablets, and smartphones
• Digital headsets
PLL
Clock
Gen
MCLK
Interpolator
and
Volume
Control
ASP_SDIN
ASP_SCLK
ASP_LRCK
/FSYNC
SCL
SDA
Pseudodifferential
Input
Headphone Detect
HS3
TIP_SENSE
INT
Digital Audio
Input
I2C Slave
SRC
SRC
Headset
Impedance
Detect and
Switches
WAKE
AD0 AD1
HS3_REF
VL
VD_FILT
LDO
with
Bypass
DIGLDO_PDN
+VCP_FILT
–VCP_FILT
VA
Inverting
Step-Down
LDO
VP
Analog Core
POR
VCP
VP_CP
Digital
Core
CS43L36
Interpolator
and
Volume
Control
Multibit

Modulator
DAC
Multibit

Modulator
HPOUTB
VCP_FILT
HPOUTA
+VCP_FILT
VCP_FILT
+VCP_FILT
HPSENSA *
+
+
HPSENSB *
* WLCSP
package only
DAC
CS43L36


Similar Part No. - CS43L36

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L21 CIRRUS-CS43L21 Datasheet
1Mb / 63P
Low Power, Stereo Digital to Analog Converter
CS43L22 CIRRUS-CS43L22 Datasheet
1Mb / 68P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22 Datasheet
695Kb / 66P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22-CNZ CIRRUS-CS43L22-CNZ Datasheet
1Mb / 68P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22-CNZ CIRRUS-CS43L22-CNZ Datasheet
695Kb / 66P
Low Power, Stereo DAC w/Headphone & Speaker Amps
More results

Similar Description - CS43L36

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
logo
Wolfson Microelectronic...
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com