Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPSB0813 Datasheet(PDF) 85 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 81Page - STMicroelectronics SPSB0813 Datasheet HTML 82Page - STMicroelectronics SPSB0813 Datasheet HTML 83Page - STMicroelectronics SPSB0813 Datasheet HTML 84Page - STMicroelectronics SPSB0813 Datasheet HTML 85Page - STMicroelectronics SPSB0813 Datasheet HTML 86Page - STMicroelectronics SPSB0813 Datasheet HTML 87Page - STMicroelectronics SPSB0813 Datasheet HTML 88Page - STMicroelectronics SPSB0813 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 135 page
background image
Bit
Name
Description
CAN_PERM_REC
CAN_PERM_DOM
CAN_TXD_DOM
0 = no error (default)
1 = error detected
PLE is cleared by a read & clear command to all related bits in status registers 2.
27
FE
Functional error bit
The FE is a logical OR combination of errors coming from functional blocks.
SR2 (0x32):
V2SC
SR3 (0x33):
OUTx OC
SR4 (0x34):(3)
OUTx OL
0 = no error (default)
1 = error detected
FE is cleared by a read & clear command to all related bits in status registers 2, 3, 4
26
DE
Device error bit
DE is a logical OR combination of global errors related to the device.
SR1 (0x31):
TSD1
SR2 (0x32):
VS_OV
VS_UV
VSREG_OV
VSREG_UV
V1_OV
0 = no error (default)
1 = error detected
DE is cleared by a read & clear command to all related bits in status registers 2
25
GW (2)
Global warning bit
GW is a logical OR combination of warning flags. Warning bits do not lead to any device state change
or switch off of functions.
SR2 (0x32):
V1FAIL
V2FAIL
CAN_RXD_REC
TW (3)
SPI_INV_CMD
SPI SCK CNT
SR6 (0x36):
CAN_SUP_LOW
0 = no error (default)
1 = error detected
GW is cleared by a read & clear command to all related bits in status register 2.
24
FS
Failsafe
The FS bit indicates that the device was forced into a safe state due to the following failure conditions:
SR1 (0x31):
WDFAIL
SPSB081
Global status byte (GSB)
DS14048 - Rev 1
page 85/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com