Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPSB0813 Datasheet(PDF) 27 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 23Page - STMicroelectronics SPSB0813 Datasheet HTML 24Page - STMicroelectronics SPSB0813 Datasheet HTML 25Page - STMicroelectronics SPSB0813 Datasheet HTML 26Page - STMicroelectronics SPSB0813 Datasheet HTML 27Page - STMicroelectronics SPSB0813 Datasheet HTML 28Page - STMicroelectronics SPSB0813 Datasheet HTML 29Page - STMicroelectronics SPSB0813 Datasheet HTML 30Page - STMicroelectronics SPSB0813 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 135 page
background image
Figure 17. Overvoltage detection V1 = 5 V
3.11
LIN bus interfaces (only for SPSB0815 and SPSB0813)
3.11.1
Features
LIN ISO 17987-4/2016 compliant transceiver
Designed according to SAE J2962-1 (draft nov. 2017)
Meet OEM hardware requirements for CAN and LIN FR-Interfaces (version 1.3 2012)
Data rate up to 20 kbit/s
GND disconnection fail-safe at module level
Off mode: does not disturb network
GND shift operation at system level
Microcontroller interface with CMOS compatible I/O pins
Internal pull-up resistor
Transients immunity and ESD according to ISO7637-2, ISO 62215-3 and EN / IEC 61000-4-2.
Matched output slopes and propagation delay
Wake up behavior according to LIN2.2a and ‘Hardware requirements for LIN, CAN and Flexray interfaces
(version 1.3)
At VSREG > Vpor (that is, VSREG power-on reset threshold), the LIN transceiver is enabled.
The LIN transmitter is disabled in case of the following errors:
Dominant TxD_L time out
LIN permanent recessive
Thermal shutdown 1
with thermal sensor “Global” in mode “no cluster”
or with thermal sensor “Th_CL4” in mode “cluster”
VSREG overvoltage / undervoltage
V1 undervoltage
The LIN receiver is not disabled in case of any failure condition.
(it is reactivated in case of FS by thermal shutdown)
SPSB081
LIN bus interfaces (only for SPSB0815 and SPSB0813)
DS14048 - Rev 1
page 27/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com