Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPSB0813 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 14Page - STMicroelectronics SPSB0813 Datasheet HTML 15Page - STMicroelectronics SPSB0813 Datasheet HTML 16Page - STMicroelectronics SPSB0813 Datasheet HTML 17Page - STMicroelectronics SPSB0813 Datasheet HTML 18Page - STMicroelectronics SPSB0813 Datasheet HTML 19Page - STMicroelectronics SPSB0813 Datasheet HTML 20Page - STMicroelectronics SPSB0813 Datasheet HTML 21Page - STMicroelectronics SPSB0813 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 135 page
background image
Figure 9. Cyclic monitoring: the external contacts are supplied periodically by the internal timer
In standby modes, the inputs are configurable with an internal pull-up or pull-down current source according to
the setup of the external contact. Moreover, in case of cyclic sensing, an internal pull-down resistor (RWU_act) is
periodically activated on each rising edge of the TIMER_ON. RWU_act is activated also for static wake-up, but in
this case it occurs just after WU request (see the figure above), keeping this condition for at least the filter time
tWU_stat (or more, if the WU is valid and the device enters in active mode).
In active mode, the inputs have in fact only the internal pull-down resistor and the input status can be read by SPI.
Static sense should be configured before the read operation is started to reflect the actual input level.
Being DIR/WU2_EN enable bit, in config register (0x3F), set to 0 by default, the DIR/WU2 pin is configured
as wake-up function. If DIR/WU2_EN enable bit is set to 1 the DIR/WU2 pin is a low voltage direct driving of
OUT1..4. Threshold is set in this case at 1.5 V.
3.5
Functional overview (truth table)
Table 8. Functional overview
Version
Function
Comments
Operating modes
Active mode
V1_standby static
mode (cyclic
sense)
VBAT_standby
static mode
(cyclic sense)
3.4.1
Voltage regulator
V1
VOUT=5V/3V3
On
On (1)
Off
3.4.2
Voltage regulator
V2
VOUT=5V/3V3
On/Off
On (2)/Off
On (2)/ Off
3.4.3
Reset generator
On
On
Off
3.4.4
Window watchdog
V1 monitor
On
Off (On if IV1 >
Icmp and ICMP =
0)
Off
SPSB081
Functional overview (truth table)
DS14048 - Rev 1
page 18/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com