Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPSB0813 Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 20Page - STMicroelectronics SPSB0813 Datasheet HTML 21Page - STMicroelectronics SPSB0813 Datasheet HTML 22Page - STMicroelectronics SPSB0813 Datasheet HTML 23Page - STMicroelectronics SPSB0813 Datasheet HTML 24Page - STMicroelectronics SPSB0813 Datasheet HTML 25Page - STMicroelectronics SPSB0813 Datasheet HTML 26Page - STMicroelectronics SPSB0813 Datasheet HTML 27Page - STMicroelectronics SPSB0813 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 135 page
background image
Multiple watchdog failures: FORCED_SLEEP_WD = 1 (15x watchdog failure)
Multiple thermal shutdowns 2: FORCED_SLEEP_TSD2/V1SC = 1 (7x TSD2)
V1 short at turn-on (V1 < V1fail for t > tv1short): FORCED_SLEEP_TSD2/V1SC (SR 1) = 1
Loss of ground: SGNDLOSS(SR6) = 1
Table 10. Non recoverable failures conditions
Failure source
Failure condition
Diagnosis
Exit from fail-safe mode
Microcontroller
(oscillator)
15 consecutive
watchdog failures
FS (global status byte) =1
WDFAIL (SR 1) =1
FORCED_SLEEP_WD (SR 1) =1
Wake-up
TRIG=1 during long open
window Read&Clear SR1
V1
Short at turn-on
FS (global status byte) =1
V1FAIL=1
FORCED_SLEEP_TSD2/V1SC (SR 1) = 1
Wake-up
Read&Clear SR1
V1
Overvoltage
FS (global status byte) =1
FORCED_SLEEP_V1OV (SR2) =1
Wake-up
Read&Clear SR2
Temperature
7 times TSD2
FS (global status byte) =1
TW (SR 2) =1
TSD1 (SR 1) =1
TSD2 (SR 1) =1
FORCED_SLEEP_TSD2/V1SC (SR 1) = 1
Wake-up
Read&Clear SR1
SGND
Loss of ground at SGND
pin
FS (global status byte) =1
SGNDLOSS (SR 6) = 1
Wake-up
Read&Clear SR6
3.8
Reset output (NRESET)
At power-up, the reset signal is low. When Vs>VPOR, the RSTB bit is set and SPI registers are set to default
values. If V1 is turned on and the voltage exceeds the V1 reset programmable threshold VRTx by SPI, the reset
output “NRESET” is pulled up by internal pull-up resistor to V1 voltage after a reset delay time (trd). This is
necessary for a defined start of the microcontroller when the application is switched on. As soon as the NRESET
is released, the watchdog timing starts with a long open window. At power down, the device is reset, and control
registers are set to default values and RSTB bit is set to “1” (see the following figure).
Figure 14. NReset pin
Data in
110 kΩ
Data out
GAPG1609151103CFT
A reset pulse is generated in case of:
V1 drops below VRTx (configurable by SPI) for t > tuv1
SPSB081
Reset output (NRESET)
DS14048 - Rev 1
page 24/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com