| Electronic Components Datasheet Search |
|
SPSB0813 Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB0813 Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 135 page ![]() 3.11.2 Error handling The device LIN transceiver provides the following three error handling features. 3.11.2.1 Dominant TxD_L time out If TXD_L is in dominant state (low) for t > tdom(TXDL) the transmitter is disabled, the related status bit LIN_TXD_DOM (SR2) is set. The transmitter remains disabled until the status bit is cleared. The TxD dominant timeout detection can be disabled via SPI (LIN_TXD_TOUT_EN =0). 3.11.2.2 Permanent recessive If TXD_L changes to dominant (low) state but RXD_L signal does not follow within t < tLIN the transmitter is disabled, the status bit LIN_PERM_REC (SR2) is set. The transmitter remains disabled until the status bit is cleared. 3.11.2.3 Permanent dominant If the bus state is dominant (low) for t > tdom(bus) a bus permanent dominant failure is detected. The status bit LIN_PERM_DOM (SR2) is set. The transmitter is not disabled. 3.11.3 Wake-up from standby modes In low power modes (V1_standby mode and VBAT_standby mode) the SPSB081 can receive two types of wake-up signals from the LIN bus (configurable by SPI bit LIN_WU_config): • Recessive-Dominant-Recessive pattern with t > tdom_LIN (default, according to LIN 2.2a) A dominant time of at least 150us must be identified as a wake-up. Shorter dominant times may wake up the device. • State change recessive-to-dominant or dominant-to-recessive (according to LIN 2.1) Note: Dominant levels having duration less than a glitch filter time (it is defined 28 µs minimum, according to OEM requirements version 1.3) have to be filtered and therefore they cannot wake up the device. 3.11.3.1 Pattern wake-up (default) Figure 18. Wake-up behavior according to LIN 2.2a 3.11.3.2 Status change wake-up - Recessive-to-dominant Normal wake-up can occur when the LIN transceiver was set in standby mode while LIN was in recessive (high) state. A dominant level at LIN for tLINBUS switches the device to active mode. SPSB081 LIN bus interfaces (only for SPSB0815 and SPSB0813) DS14048 - Rev 1 page 28/135 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |