Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPSB0813 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 8Page - STMicroelectronics SPSB0813 Datasheet HTML 9Page - STMicroelectronics SPSB0813 Datasheet HTML 10Page - STMicroelectronics SPSB0813 Datasheet HTML 11Page - STMicroelectronics SPSB0813 Datasheet HTML 12Page - STMicroelectronics SPSB0813 Datasheet HTML 13Page - STMicroelectronics SPSB0813 Datasheet HTML 14Page - STMicroelectronics SPSB0813 Datasheet HTML 15Page - STMicroelectronics SPSB0813 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 135 page
background image
3
Functional description
3.1
Supply Vs, Vsreg
VSREG supplies voltage regulators V1 and V2, all internal regulated voltages for analog and digital functionality,
LIN, CAN and the wake-up features. P-channel high side switches OUT1, OUT2, OUT3, OUT4 and fail-safe block
are supplied by VS. In case of VSREG pin disconnected, all power devices connected to VS are automatically
switched OFF.
Note:
After device startup, it is suggested to perform a status registers read&clear command to clean any spurious
error flags.
3.2
Voltage regulators
The SPSB081 contains one fully protected low drop voltage regulator (V1) and one low dropout tracking regulator
(V2), which are designed for very fast transient response and do not require electrolytic output capacitors for
stability. The two low drops out voltage regulators can provide 5 V or 3.3 V; the following table summarizes the
possible configurations of the two LDOs:
Table 6. Voltage regulators configuration
Configuration
P/N
V1 output voltage
(linear case)
V2 output voltage
(linear case)
V2 output voltage
(tracking case)
V2_TKR
1
SPSB0813
SPSB081C3
3.3 V
3.3 V(1)
YES
0 or 1
2
5.0 V
Not available
only 0
3
SPSB0815
SPSB081C5
5.0 V
3.3 V
Not available
only 0
4
5.0 V
YES
0 or 1
1. In this case, the CAN transceiver embedded inside the SPSB0813 shall be supplied by an external VREG at 5V via the CAN
supply pin.
The voltage regulator V2 can be configured by means of the V2_TKR bit in CR2 as a linear independent LDO
(V2_TKR=0, default) or as a tracker of the V1 voltage regulator (V2_TKR=1).
3.2.1
Voltage regulator: V1
The V1 voltage regulator provides 5 V (for SPSB0815 and SPSB081C5) or 3.3 V (for SPSB0813 and
SPSB081C3) supply voltage (configurable by OTP) and up to 250 mA continuous load current to supply
the system microcontroller and the integrated CAN transceiver. The V1 regulator is embedded in the power
management and fail-safe functionality of the device and operates according to the selected operating mode. The
V1 voltage regulator is supplied by pin VSREG.
In addition, the V1 regulator supplies the device internal loads. The voltage regulator is protected against overload
and overtemperature. An external reverse current protection must be provided by the application circuitry to
prevent the input capacitor from being discharged by negative transients or low input voltage. Current limitation
of the regulator ensures fast charge of external bypass capacitors. The output voltage is stable for ceramic load
capacitors ≥ 1µF.
In case the device temperature exceeds the TSD1 threshold, all outputs (OUTx, V2, LIN, CAN) are deactivated
except V1 regulator, which remains on. LIN and CAN transceivers are forced in "receive only" mode. Hence, the
microcontroller has the possibility for interaction or error logging. If the chip temperature exceeds TSD2 threshold
(TSD2>TSD1), V1 is deactivated and all wake-up sources (CAN, LIN, WU1, WU2, and timer) are disabled. After
tTSD, the voltage regulator will restart automatically. If the restart fails seven times within one minute the SPSB081
is forced into VBAT_standby mode. The status bit in SR1 Forced_Sleep_TSD2/V1SC is set.
In case of overvoltage an internal pulldown circuit is activated to limit the current accumulated in the external
capacitor.
SPSB081
Functional description
DS14048 - Rev 1
page 12/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com