Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPSB0813 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 28Page - STMicroelectronics SPSB0813 Datasheet HTML 29Page - STMicroelectronics SPSB0813 Datasheet HTML 30Page - STMicroelectronics SPSB0813 Datasheet HTML 31Page - STMicroelectronics SPSB0813 Datasheet HTML 32Page - STMicroelectronics SPSB0813 Datasheet HTML 33Page - STMicroelectronics SPSB0813 Datasheet HTML 34Page - STMicroelectronics SPSB0813 Datasheet HTML 35Page - STMicroelectronics SPSB0813 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 135 page
background image
Dominant TxD_C time out
CAN permanent recessive
RxD_C permanent recessive
Thermal shutdown 1
Can supply low
The CAN receiver is not disabled in case of any failure condition.
3.12.4.1
Dominant TxDC time out
If TXD_C is in a dominant state (low) for t > tdom(TxDC) the transmitter is disabled, the status bit is latched and
can be read and optionally cleared by SPI (CAN_TXD_ DOM in SR2). The transmitter remains disabled until the
status register is cleared.
3.12.4.2
CAN bus permanent recessive
If TXD_C changes to dominant (low) state but CAN bus does not follow for four times, the transmitter is
disabled, the status bit is latched and can be read and optionally cleared by SPI (CAN_PERM_REC in SR2).
The transmitter remains disabled until the status register is cleared.
3.12.4.3
CAN Permanent Dominant
If the bus state is dominant (low) for t > tCAN a permanent dominant status will be detected. The status bit will be
latched and can be read and optionally cleared by SPI (CAN_PERM_DOM in SR2). The transmitter will not be
disabled.
3.12.4.4
RXDC permanent recessive
If RXD_C pin is clamped to a recessive (high) state, the controller is not able to recognize a bus dominant state
and could start messages at any time, which results in disturbing the overall bus communication. Therefore, if
RXD_C does not follow TXD_C for four times the transmitter is disabled. The status bit is latched and can be read
and optionally cleared by SPI (CAN_RXD_REC in SR2). The transmitter remains disabled until the status register
is cleared.
3.12.5
Wake-up by CAN
The default setting for the wake-up behavior after power-on reset is the wake-up by regular communication on the
CAN bus. When the CAN transceiver is in a standby mode (CAN TRX STBY), the device can be woken-up by
sending two consecutive dominant bits separated by a recessive bit.
For any activity on the CAN, CAN pattern wake-up option is enabled and the CAN transceiver was set in standby
mode (CAN TRX STBY) while CAN bus was in recessive state or dominant state. In order to wake up the device,
the following criteria must be fulfilled:
The CAN interface wake-up receiver must receive a series of two consecutive valid dominant pulses, each
of which must be longer than tfilter.
The distance between two pulses must be longer than tfilter.
The two pulses must occur within a time frame of twake.
Wake-up occurs when the duration of a second pulse becomes longer than tfilter.
Note:
A wake-up caused by a message on the bus starts the voltage regulator and the microcontroller to switch the
application back to normal operation mode.
SPSB081
CAN FD bus transceiver
DS14048 - Rev 1
page 32/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com