Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPSB0813 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 7Page - STMicroelectronics SPSB0813 Datasheet HTML 8Page - STMicroelectronics SPSB0813 Datasheet HTML 9Page - STMicroelectronics SPSB0813 Datasheet HTML 10Page - STMicroelectronics SPSB0813 Datasheet HTML 11Page - STMicroelectronics SPSB0813 Datasheet HTML 12Page - STMicroelectronics SPSB0813 Datasheet HTML 13Page - STMicroelectronics SPSB0813 Datasheet HTML 14Page - STMicroelectronics SPSB0813 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 135 page
background image
OUT1: Iload = 50 mA; Rdson = 330 Ω (DC activation)
OUT2: Iload = 50 mA; Rdson = 330 Ω (DC activation)
OUT3: Iload = 50 mA; Rdson = 330 Ω (DC activation)
OUT4: Iload = 50 mA; Rdson = 330 Ω (DC activation)
CAN-LIN not relevant
Test execution:
Once thermal equilibrium is reached with all DC load active, the “Cyclic Activation” sequence is applied. The
device operates always without triggering the thermal warning threshold.
Figure 5. QFN32L 5x5 4-layers
Note:
PCB 129 mm x 60 mm x 1.6 mm, FR4, four layers; Cu thickness 0.070 mm (outer layers). Cu thickness 0.035
mm (inner layers), thermal vias separation 1.2 mm, thermal via diameter 0.3 mm +/- 0.08 mm, Cu thickness on
vias 0.025 mm, footprint dimension 3.5 mm x 3.5 mm.
SPSB081
Temperature ranges and thermal data
DS14048 - Rev 1
page 11/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com