Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2004S Datasheet(PDF) 52 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 48Page - STMicroelectronics STE2004S Datasheet HTML 49Page - STMicroelectronics STE2004S Datasheet HTML 50Page - STMicroelectronics STE2004S Datasheet HTML 51Page - STMicroelectronics STE2004S Datasheet HTML 52Page - STMicroelectronics STE2004S Datasheet HTML 53Page - STMicroelectronics STE2004S Datasheet HTML 54Page - STMicroelectronics STE2004S Datasheet HTML 55Page - STMicroelectronics STE2004S Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 79 page
background image
Instruction set
STE2004S
52/79
If the DIR bit is set to a logic 0, the offset register is increased by one and the raster is
scrolled from top down. If the DIR bit is set to a logic 1, the offset register is decreased by
one and the raster is scrolled from bottom-up.
5.6
Dual partial display
If the PE bit is set to a logic one the dual partial display mode is enabled. There are eight
partial display modes available. The offset of the two partial display zones is row by row
programmable. The icon row is accessed last in each partial display frame.
Two sets of register for the HV-generator parameters are provided (PRS[1:0], Vop[6:0],
BS[2:0], CP[2:0]), allowing normal mode and partial display mode to be switched using one
instruction. The HV generator is automatically reconfigured using the parameters related to
the enabled mode. The parameters of the two sets of registers with the same function are
located in the same position of the instruction set. The registers related to the normal mode
are accessible when normal mode (PE=0) is selected, the others are accessible when the
partial display mode is enabled (PE=1). To setup the PRS[1:0], Vop[6:0], BS[2:0], CP[2:0]
values, follow the instruction flow proposed in
Figure 54. To setup partial display sectors
start qddress and partial display mode no particular instruction flow has to be followed.
Figure 53.
Dual partial display enabling instruction flow
Table 23. Scrolling function
MUX Rate
Icon mode
Description
Icon row driver with MY=0
MUX 33
1
Icon row not scrooled
R48
MUX 33
0
33 line graphic matrix
R48
MUX 49
1
Icon row not scrooled
R56
MUX 49
0
49 line graphic matrix
R56
MUX 65
1
Icon row not scrooled
R64
MUX 65
0
65 line graphic matrix
R64
ENABLE DUAL PARTIAL DISPLAY
END OF ENABLING DUAL PARTIAL DISPLAY
SET PE=1
OPTIONAL1
SET 1st Sector Start Address
SET 2nd Sector Start Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com