Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2004S Datasheet(PDF) 54 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 50Page - STMicroelectronics STE2004S Datasheet HTML 51Page - STMicroelectronics STE2004S Datasheet HTML 52Page - STMicroelectronics STE2004S Datasheet HTML 53Page - STMicroelectronics STE2004S Datasheet HTML 54Page - STMicroelectronics STE2004S Datasheet HTML 55Page - STMicroelectronics STE2004S Datasheet HTML 56Page - STMicroelectronics STE2004S Datasheet HTML 57Page - STMicroelectronics STE2004S Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 79 page
background image
ID-number
STE2004S
54/79
6
ID-number
The STE2004S lets you program a driver identification number (ID-Number), so more than
one LCD module with different configuration parameters can be managed on one platform.
There are four programmable device ID-numbers: 00111100, 00111101, 0011110 and
0011111. All have the first 6 bits (001111) in common. The two least significant bits can be
used to connect the SA0 and SA1 inputs to a VSS or VDD1.
The driver ID-number can be read through all communication interfaces. The way to read
the ID-number changes according the interface selected. The readout protocol for each
interface is described in
Chapter 4.
Figure 55.
I2C interface interconnection in master/ slave mode
Figure 56.
I3-lines SPI and 3-lines serial interfaces interconnection in master slave
mode
SDAIN
LR0214
STE2004S
STE2004S
SCL
SDAOUT
NOTE:
MASTER and SLAVE I2C AADDRESS
MUST BE DIFFERENT
SDAIN
SCL
SDAOUT
SCL
SDA
RES
RES
RES
SDOUT
LR0215
STE2004S
STE2004S
SCLK
SDIN
SDOUT
SCLK
SDIN
SCLK
SLAVE
CS
MASTER
CS
SD
CS
RES
CS
RES
RES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com