Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2004S Datasheet(PDF) 34 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 30Page - STMicroelectronics STE2004S Datasheet HTML 31Page - STMicroelectronics STE2004S Datasheet HTML 32Page - STMicroelectronics STE2004S Datasheet HTML 33Page - STMicroelectronics STE2004S Datasheet HTML 34Page - STMicroelectronics STE2004S Datasheet HTML 35Page - STMicroelectronics STE2004S Datasheet HTML 36Page - STMicroelectronics STE2004S Datasheet HTML 37Page - STMicroelectronics STE2004S Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
Bus interfaces
STE2004S
34/79
Reading mode
If the R/W bit is set to logic 1 the chip outputs data immediately after the slave address. If
the D/C bit during the last write access is set to a logic 0, the byte read is the status byte.
Figure 33.
Communication protocol
4.2
Serial interfaces
STE2004S can feature three different serial synchronized interfaces with the host controller. It is
possible to select a 3-lines SPI, a 4-lines SPI or 3-line 9 bits serial interface.
4.2.1
4-lines SPI interface
The STE2004S 4-lines serial interface is a bidirectional link between the display driver and the
application supervisor. It consists of four lines: one/two for data signals (SDIN, SOUT), one for
clock signals (SCLK), one for the peripheral enable (CS) and one for mode selection (SD/C).
The serial interface is active only if the CS line is set to a logic 0. When CS line is high the serial
peripheral power consumption is zero. While CS pin is high the serial interface is kept in reset.
The STE2004S is always a slave on the bus and receives the communication clock on the SCLK
pin from the master.
Information is exchanged byte-wide. During data transfer, the data line is sampled on the positive
SCLK edge.
SD/C line status indicates whether the byte is a command (SD/C =0) or a data (SD/C =1); SD/C
line is read on the eighth SCLK clock pulse during every byte transfer.
If CS stays low after the last bit of a command/data byte, the serial interface expects the MSB of
the next byte at the next SCLK positive edge.
A reset pulse on RES pin interrupts the transmission. No data is written into the data RAM and all
the internal registers are cleared.
If CS is low after the positive edge of RES, the serial interface is ready to receive data.
Throughout SDOUT, the driver I2C slave address or the status byte can be read. The command
sequence to read the I2C slave address or the status byte is shown in
Figure 34., Figure 35.,
LR0008
S
S
01111
0
A0A
DRIVER ACK
WRITE MODE
READ MODE
R/W
R/W
SLAVE ADDRESS
Co
DRIVER ACK
COMMAND WORD
CONTROL BYTE
MSB........LSB
Co
LAST
N> 0 BYTE
DRIVER ACK
DRIVER ACK
DRIVER ACK
A
1 DC Control Byte
DATA Byte
A
DC Control Byte
A 0
DATA Byte
A P
S
S
01111
0
A1A
DRIVER ACK
MASTER ACK
P
DRIVER
SLAVE ADDRESS
S
01111
0
A
R
/
W
CONTROL BYTE
C
o
D
C
000
A
S
1
A
S
1
A
S
1
A
H
[1]
H
[0]
H
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com