Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2004S Datasheet(PDF) 64 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 60Page - STMicroelectronics STE2004S Datasheet HTML 61Page - STMicroelectronics STE2004S Datasheet HTML 62Page - STMicroelectronics STE2004S Datasheet HTML 63Page - STMicroelectronics STE2004S Datasheet HTML 64Page - STMicroelectronics STE2004S Datasheet HTML 65Page - STMicroelectronics STE2004S Datasheet HTML 66Page - STMicroelectronics STE2004S Datasheet HTML 67Page - STMicroelectronics STE2004S Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
Electrical characteristics
STE2004S
64/79
7
Electrical characteristics
7.1
Absolute maximum ratings
7.2
DC operation
VDD1 = 1.7 to 3.6 V; VDD2 = 1.75 to 4.5 V; Vss1,2 = 0V; VLCD = 4.5 to 15 V; Tamb =25°C;
unless otherwise specified.
Table 26. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD1
Supply voltage range
- 0.5 to + 5
V
VDD2
Supply voltage range
- 0.5 to + 7
V
VLCD
LCD supply voltage range
- 0.5 to + 15
V
ISS
Supply current
- 50 to +50
mA
Vi
Input voltage (all input pads)
-0.5 to VDD1 + 0.5
V
Iin
DC input current
- 10 to + 10
mA
Iout
DC output current
- 10 to + 10
mA
Ptot
Total power dissipation (Tj = 85°C)
300
mW
Po
Power dissipation per output
30
mW
Tj
Operating junction temperature(1)
-25 to + 85
°C
Tstg
Storage temperature
- 65 to 150
°C
1.
Device behavior and characterization are measured over this temperature range during internal qualification of the product.
During production testing, however, device performance is measured at a fixed ambient temperature - typically 25°C.
Table 27. DC operation
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Supply voltages
VDD1
Supply voltage(1)
1.7
3.6
V
VDD2
V
VDD2
Supply voltage
LCD voltage internally
generated
1.75
4.5
V
VLCD
LCD supply voltage
LCD voltage supplied
externally
4.5
14.5
V
LCD supply voltage
Internally generated(2)
4.5
14.5
V
I(VDD1)
Supply current
VDD1 = 2.8V;
VLCD = 10V; fsclk = 0;
Parallel Port (3) (5)
15
20
40
µA
Supply current write
mode
VDD2 = 2.8V;
VLCD = 10V; fsclk = 1Mhz;
OSC_IN=GND(3)
100
200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com