Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2004S Datasheet(PDF) 37 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 33Page - STMicroelectronics STE2004S Datasheet HTML 34Page - STMicroelectronics STE2004S Datasheet HTML 35Page - STMicroelectronics STE2004S Datasheet HTML 36Page - STMicroelectronics STE2004S Datasheet HTML 37Page - STMicroelectronics STE2004S Datasheet HTML 38Page - STMicroelectronics STE2004S Datasheet HTML 39Page - STMicroelectronics STE2004S Datasheet HTML 40Page - STMicroelectronics STE2004S Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
STE2004S
Bus interfaces
37/79
Throughout SDOUT can be read the driver I2C slave address or the status byte. The
command sequence that allows to read I2C slave address or the status byte is shown in
Figure 39. and Figure 40..
If the R bit is set to logic 0 and D/C=0, the I2C slave address is read. If the R bit is set to logic
1 and D/C=0, the the I2C slave address is read. SDOUT is in high impedance in steady state
and during data write.
It is possible to short circuit SDOUT and SDIN and read the I2C address or status byte
without any additional line.
Figure 38.
3-lines serial interface protocol in writing mode
Figure 39.
3-lines SPI interface protocol in reading mode
WRITE MODE
COMMAND WORD
CONTROL BYTE
MSB........LSB
Co
LAST
N> 0 BYTE
DATA Byte
Control Byte
0
DATA Byte
CONTROL BYTE
C
o
D
C
00
H
[1]
Control Byte
R
/
W
H
[0]
H
E
DATA Byte
Control Byte
Co
1
0
DATA Byte
CONTROL BYTE
MSB........LSB
LAST
N> 0 BYTE
DATA Byte = Command
if D/C=0
DATA Byte = DDRAM Data if D/C=1
DATA Byte
Control Byte
0
DATA Byte
CONTROL BYTE
MSB........LSB
LAST
N> 0 BYTE
0
1
TRANSFERRED
ONLY COMMANDS
TRANSFERRED
ONLY DDRAM DATA
LR0002
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Don't
Care
CS
SDIN
SCLK
High-Z
DB1
DB0
High-Z
Don't
Care
Don't
Care
Don't
Care
Don't
Care
Don't
Care
Don't
Care
Don't
Care
Command Write
DATA Read
DB7
DB6
DB5
DB4
DB3
DB2
Co=1
D/C=0
"Command"
R/W=1
"Read"
SDOUT
High-Z
DB1
DB0
High-Z
DB7
DB6
DB5
DB4
DB3
DB2
ID-Number
STATUS BYTE
LR0077



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com